Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL22V10AMFKB Datasheet(PDF) 8 Page - Texas Instruments

Part # TIBPAL22V10AMFKB
Description  HIGH-PERFORMANCE IMPACT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10AMFKB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TIBPAL22V10AMFKB Datasheet HTML 4Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 5Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 6Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 7Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 8Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 9Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 10Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 11Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ns
Pulse duration
tw
ns
tsu
Setup time before clock
↑
UNIT
TIBPAL22V10C, TIBPAL22V10AC
HIGH-PERFORMANCE
IMPACT ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS024A − OCTOBER 1986 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
8
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
−5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle or during a preload cycle.
recommended operating conditions
TIBPAL22V10C
TIBPAL22V10AC
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.75
5
5.25
4.75
5
5.25
V
VIH
High-level input voltage
2
5.5
2
5.5
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
− 3.2
− 3.2
mA
IOL
Low-level output current
16
16
mA
fclock
Clock frequency†
18
28.5
MHz
Clock high or low
25
15
Asynchronous reset high or low
35
25
Input
30
20
Feedback
30
20
Synchronous set
30
25
Asynchronous reset low (inactive)
35
25
th
Hold time, input, set, or feedback after clock
↑
0
0
ns
TA
Operating free-air temperature
0
75
0
75
°C
† fclock (with feedback) =
1
tsu ) tpd(CLK to Q)
, fclock (without feedback) =
1
tw(low) ) tw(high)
TIBPAL22V10AM is Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com