Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL75LP12 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL75LP12
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75LP12 Datasheet(HTML) 1 Page - Texas Instruments

  TL75LP12 Datasheet HTML 1Page - Texas Instruments TL75LP12 Datasheet HTML 2Page - Texas Instruments TL75LP12 Datasheet HTML 3Page - Texas Instruments TL75LP12 Datasheet HTML 4Page - Texas Instruments TL75LP12 Datasheet HTML 5Page - Texas Instruments TL75LP12 Datasheet HTML 6Page - Texas Instruments TL75LP12 Datasheet HTML 7Page - Texas Instruments TL75LP12 Datasheet HTML 8Page - Texas Instruments TL75LP12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TL75LPxxQ SERIES
TL75LPxxY SERIES
LOW DROPOUT VOLTAGE REGULATORS
SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995
Copyright
1995, Texas Instruments Incorporated
3−1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Very Low-Dropout Voltage . . . Less Than
400 mV at 300 mA
• Standby Mode Reduces Current to a
Maximum of 150
µA
• Output Regulated to Within ±2% Over Full
Temperature Range
• Packaged in Thin Shrink Small-Outline
Package
• Only 10-µF Load Capacitor Required to
Maintain Regulation at IO = 300 mA
description
The TL75LPxxQ devices are low-dropout voltage
regulators specifically targeted for use in portable
applications. These devices generate fixed output
voltages at loads of up to 300 mA with only
400-mV dropout over the full temperature range.
Low-dropout voltage regulators are commonly
used in battery-powered systems such as analog
and digital cellular phones. The TL75LPxx family
of regulators feature a TTL/CMOS-compatible
enable terminal, which can be used to switch the
device into standby mode. This feature reduces
power consumption when the instrument is not
active. Less that 150
µA is required when the unit
is disabled.
A concern in many new designs is conservation of
board space and overall reduction in equipment
size. The thin shrink small-outline package
(TSSOP) minimizes board area and reduces
component height. This package has a maximum height of less than 1.1 mm (compared to the 1.75 mm of a
standard 8-pin SO package) and dimensions of only 6.5 mm by 4.4 mm.
All low-dropout regulators require an external capacitor at the output to maintain regulation and stability. To
further reduce board area and cost, the TL75LPxx devices are designed to require a minimum capacitor of only
10
µF. This is 1/10 the typical value used by many other low-dropout regulators. To simplify the task of choosing
a suitable capacitor, TI has included in this datasheet a list of recommended capacitors for use with these
devices.
The TL75LPxxQ devices are characterized for operation over TJ = −40°C to 125°C.
AVAILABLE OPTIONS
VO
PACKAGED DEVICES
CHIP FORM
TJ
VO
TSSOP
CHIP FORM
(Y)
TJ
MIN
TYP
MAX
TSSOP
(PW)
CHIP FORM
(Y)
4.75
4.85
4.95
TL75LP48QPWLE
TL75LP48Y
4.9
5
5.1
TL75LP05QPWLE
TL75LP05Y
−40
°C to 125°C
7.84
8
8.16
TL75LP08QPWLE
TL75LP08Y
−40 C to 125 C
9.8
10
10.2
TL75LP10QPWLE
TL75LP10Y
11.76
12
12.24
TL75LP12QPWLE
TL75LP12Y
The PW package is available only in tape and reel. Chip forms are tested at 25
°C.
typical application schematic
VBAT
INPUT
OUTPUT
TL75LPxxQ
GND/
HEAT SINK
ENABLE
0.1
µF
VO ± 2%
at 300 mA
CO = 10 µF
2 V
DISABLE
ENABLE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND/HEAT SINK
GND/HEAT SINK
GND/HEAT SINK
NC
NC
ENABLE
NC
INPUT
INPUT
INPUT
NC
NC
NC
NC
NC
OUTPUT
OUTPUT
NC
NC
NC
PW PACKAGE
(TOP VIEW)
GND/HEAT SINK − These terminals have an internal
connection to ground and must be grounded.
NC − No internal connection
† The PW package is only available in left-end taped
and reeled (order device TL75LPxxQPWLE).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL75LP12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TL75LP12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com