Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL75LP10 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL75LP10
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75LP10 Datasheet(HTML) 5 Page - Texas Instruments

  TL75LP10 Datasheet HTML 1Page - Texas Instruments TL75LP10 Datasheet HTML 2Page - Texas Instruments TL75LP10 Datasheet HTML 3Page - Texas Instruments TL75LP10 Datasheet HTML 4Page - Texas Instruments TL75LP10 Datasheet HTML 5Page - Texas Instruments TL75LP10 Datasheet HTML 6Page - Texas Instruments TL75LP10 Datasheet HTML 7Page - Texas Instruments TL75LP10 Datasheet HTML 8Page - Texas Instruments TL75LP10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TL75LPxxQ SERIES
TL75LPxxY SERIES
LOW DROPOUT VOLTAGE REGULATORS
SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995
3−5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over operating virtual junction temperature range, VI = 10 V, IO = 300 mA,
ENABLE = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL75LP05Q
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
VI = 5.5 V to 10 V
4.9
5
5.1
V
Input voltage regulation
VI = 5.5 V to 10 V,
TJ = 25°C
10
25
mV
Ripple rejection
VI = 6 V to 16 V,
f = 120 Hz,
TJ = 25°C
50
55
dB
Output voltage regulation
IO = 5 mA to 300 mA, TJ = 25°C
12
30
mV
IO = 100 mA
0.12
0.2
Dropout voltage
IO = 200 mA
0.17
0.3
V
Dropout voltage
IO = 300 mA
0.22
0.4
V
Output noise voltage
f = 10 Hz to 100 kHz,
TJ = 25°C
500
µV
IO = 10 mA
2.5
4
Bias current
IO = 100 mA
4
10
mA
Bias current
IO = 200 mA
6
20
mA
IO = 300 mA
9
30
High-level input current, ENABLE
ENABLE = 0.8 V
7
25
µA
Low-level input current, ENABLE
ENABLE = 2 V
0.05
6
µA
Standby current
ENABLE = 2 V
100
150
µA
† Pulse-testing techniques maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects must be taken
into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF capacitor with equivalent series
resistance within the guidelines shown in Figures 3 and 4 on the output. All measurements are taken with a tantalum electrolytic capacitor.
Although not normally recommended, an aluminum electrolytic capacitor can be used. Attention must be given its ESR value, particularly at low
temperatures.
electrical characteristics over operating virtual junction temperature range, VI = 10 V, IO = 300 mA,
ENABLE = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL75LP08Q
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
VI = 8.6 V to 15 V
7.84
8
8.16
V
Input voltage regulation
VI = 8.6 V to 15 V,
TJ = 25°C
12
40
mV
Ripple rejection
VI = 9 V to 19 V,
f = 120 Hz,
TJ = 25°C
50
55
dB
Output voltage regulation
IO = 5 mA to 300 mA, TJ = 25°C
12
40
mV
IO = 100 mA
0.12
0.2
Dropout voltage
IO = 200 mA
0.17
0.3
V
Dropout voltage
IO = 300 mA
0.22
0.4
V
Output noise voltage
f = 10 Hz to 100 kHz,
TJ = 25°C
500
µV
IO = 10 mA
2.5
4
Bias current
IO = 100 mA
4
10
mA
Bias current
IO = 200 mA
6
20
mA
IO = 300 mA
9
30
High-level input current, ENABLE
ENABLE = 0.8 V
7
25
µA
Low-level input current, ENABLE
ENABLE = 2 V
0.05
6
µA
Standby current
ENABLE = 2 V
100
150
µA
† Pulse-testing techniques maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects must be taken
into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF capacitor with equivalent series
resistance within the guidelines shown in Figures 3 and 4 on the output. All measurements are taken with a tantalum electrolytic capacitor.
Although not normally recommended, an aluminum electrolytic capacitor can be used. Attention must be given its ESR value, particularly at low
temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com