Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL75LP08 Datasheet(PDF) 3 Page - Texas Instruments

Part # TL75LP08
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75LP08 Datasheet(HTML) 3 Page - Texas Instruments

  TL75LP08 Datasheet HTML 1Page - Texas Instruments TL75LP08 Datasheet HTML 2Page - Texas Instruments TL75LP08 Datasheet HTML 3Page - Texas Instruments TL75LP08 Datasheet HTML 4Page - Texas Instruments TL75LP08 Datasheet HTML 5Page - Texas Instruments TL75LP08 Datasheet HTML 6Page - Texas Instruments TL75LP08 Datasheet HTML 7Page - Texas Instruments TL75LP08 Datasheet HTML 8Page - Texas Instruments TL75LP08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TL75LPxxQ SERIES
TL75LPxxY SERIES
LOW DROPOUT VOLTAGE REGULATORS
SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995
3−3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC, (See Note 1)
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (see Note 2)
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network terminal ground.
2. Refer to Figures 1 and 2 to avoid exceeding the design maximum virtual junction temperature; these ratings should not be exceeded.
Due to variation in individual device electrical characteristics and thermal resistance, the built-in thermal overload protection may
be activated at power levels slightly above or below the rated dissipation.
DISSIPATION RATING TABLE
PACKAGE
POWER RATING
T
≤ 25°C
DERATING FACTOR
T = 70
°C
T = 85
°C
T = 125
°C
PACKAGE
POWER RATING
AT
T
≤ 25 C
POWER RATING
DERATING FACTOR
ABOVE T = 25
°C
T = 70 C
POWER RATING
T = 85 C
POWER RATING
T = 125 C
POWER RATING
TA
828 mW
6.62 mW/
°C
530 mW
431 mW
166 mW
PW
TA
TC
‡
828 mW
4032 mW
6.62 mW/ C
32.2 mW/
°C
530 mW
2583 mW
431 mW
2100 mW
166 mW
812 mW
PW
TC
TP‡
4032 mW
2475 mW
32.2 mW/ C
19.8 mW/
°C
2583 mW
1584 mW
2100 mW
1287 mW
812 mW
495 mW
‡ RθJP is the thermal resistance between the junction and the device pin. To determine the virtual junction temperature (TJ) relative to the device
pin temperature, the following calculations should be used: TJ = PD x RθJP + TP, where PD is the internal power dissipation of the device and TP
is the device pin temperature at the point of contact to the printed wiring board. The RθJP for the TL75LPxx series is 50.5°C/W.
600
400
200
0
25
50
75
100
800
1000
1200
125
150
1800
1600
1400
2000
2200
2400
MAXIMUM CONTINUOUS DISSIPATION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
1200
800
400
0
25
50
75
100
1600
2000
2400
125
150
3600
3200
2800
4000
4400
4800
TC − Case Temperature − °C
RθJA = 151°C/W
RθJC = 31°C/W
MAXIMUM CONTINUOUS DISSIPATION
vs
CASE TEMPERATURE
Figure 1
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com