Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL072ACDRG4
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL072ACDRG4 Datasheet HTML 3Page - Texas Instruments TL072ACDRG4 Datasheet HTML 4Page - Texas Instruments TL072ACDRG4 Datasheet HTML 5Page - Texas Instruments TL072ACDRG4 Datasheet HTML 6Page - Texas Instruments TL072ACDRG4 Datasheet HTML 7Page - Texas Instruments TL072ACDRG4 Datasheet HTML 8Page - Texas Instruments TL072ACDRG4 Datasheet HTML 9Page - Texas Instruments TL072ACDRG4 Datasheet HTML 10Page - Texas Instruments TL072ACDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
www.ti.com
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
6.6 Electrical Characteristics, TL07xM
VCC± = ±15 V (unless otherwise noted)
TL071M, TL072M
TL074M
PARAMETER
TEST CONDITIONS(1)
TA
(2)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25°C
3
6
3
9
VIO
Input offset voltage
VO = 0, RS = 50 Ω
mV
Full range
9
15
Temperature coefficient
αVIO
VO = 0, RS = 50 Ω
Full range
18
18
μV/°C
of input offset voltage
25°C
5
100
5
100
pA
IIO
Input offset current
VO = 0
Full range
20
20
nA
25°C
65
200
65
200
pA
IIB
Input bias current
VO = 0
50
20
nA
Common-mode input
VICR
25°C
±11
–12 to 15
±11 –12 to 15
V
voltage range
RL = 10 kΩ
25°C
±12
±13.5
±12
±13.5
Maximum peak output
VOM
RL ≥ 10 kΩ
±12
±12
V
voltage swing
Full range
RL ≥ 2 kΩ
±10
±10
25°C
35
200
35
200
Large-signal differential
AVD
VO = ±10 V, RL ≥ 2 kΩ
V/mV
voltage amplification
15
15
B1
Unity-gain bandwidth
3
3
MHz
ri
Input resistance
Ω
1012
1012
Common-mode
VIC = VICRmin,
CMRR
25°C
80
86
80
86
dB
rejection ratio
VO = 0, RS = 50 Ω
Supply-voltage rejection
VCC = ±9 V to ±15 V,
kSVR
25°C
80
86
80
86
dB
ratio (
ΔVCC±/ΔVIO)
VO = 0, RS = 50 Ω
Supply current
ICC
VO = 0, No load
25°C
1.4
2.5
1.4
2.5
mA
(each amplifier)
VO1/VO2
Crosstalk attenuation
AVD = 100
25°C
120
120
dB
(1)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 1. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as
possible.
(2)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range is
TA = –55°C to 125°C.
6.7 Switching Characteristics
VCC± = ±15 V, TA= 25°C
TL07xC, TL07xAC,
TL07xM
TL07xBC, TL07xI
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Slew rate at unity
VI = 10 V,
RL = 2 kΩ,
SR
5
13
8
13
V/
μs
gain
CL = 100 pF,
See Figure 20
0.1
0.1
μs
Rise-time overshoot
VI = 20 V,
RL = 2 kΩ,
tr
factor
CL = 100 pF,
See Figure 20
20%
20%
f = 1 kHz
18
18
nV/
√Hz
Equivalent input noise
Vn
RS = 20 Ω
voltage
f = 10 Hz to 10 kHz
4
4
μV
Equivalent input noise
In
RS = 20 Ω,
f = 1 kHz
0.01
0.01
pA/
√Hz
current
VIrms = 6 V,
Total harmonic
AVD = 1,
THD
RL ≥ 2 kΩ,
0.003%
0.003%
distortion
RS
≤ 1 kΩ,
f = 1 kHz,
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com