Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC081IP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC081IP
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC081IP Datasheet(HTML) 2 Page - Texas Instruments

  TLC081IP Datasheet HTML 1Page - Texas Instruments TLC081IP Datasheet HTML 2Page - Texas Instruments TLC081IP Datasheet HTML 3Page - Texas Instruments TLC081IP Datasheet HTML 4Page - Texas Instruments TLC081IP Datasheet HTML 5Page - Texas Instruments TLC081IP Datasheet HTML 6Page - Texas Instruments TLC081IP Datasheet HTML 7Page - Texas Instruments TLC081IP Datasheet HTML 8Page - Texas Instruments TLC081IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
www.ti.com
TLC080 and TLC081 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
SMALL OUTLINE
PLASTIC DIP
SYMBOL
(D)(1)
(DGN)(1)
(P)
TLC080CD
TLC080CDGN
xxTIACW
TLC080CP
0
°C to 70°C
TLC081CD
TLC081CDGN
xxTIACY
TLC081CP
TLC080ID
TLC080IDGN
xxTIACX
TLC080IP
TLC081ID
TLC081IDGN
xxTIACZ
TLC081IP
–40°C to 125°C
TLC080AID
—
—
TLC080AIP
TLC081AID
—
—
TLC081AIP
(1)
This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC080CDR).
TLC082 and TLC083 AVAILABLE OPTIONS
PACKAGED DEVICES
SMALL
MSOP
PLASTIC
PLASTIC
TA
OUTLINE
DIP
DIP
(DGN)(1)
SYMBOL(2)
(DGQ)(1)
SYMBOL(2)
(D)(1)
(N)
(P)
TLC082CD
TLC082CDGN
xxTIADZ
—
—
—
TLC082CP
0
°C to 70°C
TLC083CD
—
—
TLC083CDGQ
xxTIAEB
TLC083CN
—
TLC082ID
TLC082IDGN
xxTIAEA
—
—
—
TLC082IP
TLC083ID
—
—
TLC083IDGQ
xxTIAEC
TLC083IN
—
–40°C to 125°C
TLC082AID
—
—
—
—
—
TLC082AIP
TLC083AID
—
—
—
—
TLC083AIN
—
(1)
This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC082CDR).
(2)
xx represents the device date code.
TLC084 and TLC085 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
PLASTIC DIP
TSSOP
(D)(1)
(N)
(PWP)(1)
TLC084CD
TLC084CN
TLC084CPWP
0
°C to 70°C
TLC085CD
TLC085CN
TLC085CPWP
TLC084ID
TLC084IN
TLC084IPWP
TLC085ID
TLC085IN
TLC085IPWP
–40°C to 125°C
TLC084AID
TLC084AIN
TLC084AIPWP
TLC085AID
TLC085AIN
TLC085AIPWP
(1)
This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC084CDR).
space
For the most current package and ordering information, see the Package Option Addendum at the end of this
data sheet, or see the TI web site at www.ti.com.
2
Submit Documentation Feedback
Copyright
© 1999–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com