Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL1 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL1
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL1 Datasheet(HTML) 2 Page - Supertex, Inc

  CL1_09 Datasheet HTML 1Page - Supertex, Inc CL1_09 Datasheet HTML 2Page - Supertex, Inc CL1_09 Datasheet HTML 3Page - Supertex, Inc CL1_09 Datasheet HTML 4Page - Supertex, Inc CL1_09 Datasheet HTML 5Page - Supertex, Inc CL1_09 Datasheet HTML 6Page - Supertex, Inc CL1_09 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CL1
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Ordering Information
Device
Package Options
TO-252
(D-PAK)
TO-92
TO-243AA
(SOT-89)
CL1
CL1K4-G
CL1N3-G
CL1N8-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Operating voltage, V
A-B
100V
Operating junction temperature, T
J
0°C to +125°C
Storage temperature, T
S
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Thermal Characteristics
Package
Power Dissipation
@T
A = 25
O
C
(w)
θ
JC
(OC/W)
θ
JA
(OC/W)
TO-252
2.0*
6.0
50*
TO-92
0.73
125
170
TO-243AA
1.3*
15
78*
Pin Configurations
* Mounted on FR4 board; 25mm x 25mm x 1.57mm
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
A-B
Maximum operating voltage
-
-
90
V
---
I
A-B
Current regulation
17.1
18.0
18.9
mA
V
A-B = 5.0V
19.0
20.0
21.0
V
A-B = 45V
19.0
22.0
24.2
V
A-B = 90V
ΔI
A-B/ΔT
I
A-B temperature coefficient
-
-8.5
-
µA/°C
V
A-B = 45V, TJ = 0
O
C to 100OC
T
J
Operating junction temperature
-40
-
125
O
C
---
R
A-B
AC resistance
-
17
-
kΩ
V
A-B = 5.0V to 90V
Electrical Characteristics (T
A = 25°C unless otherwise specified)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
Si YYWW
CL1K4
LLLLLLL
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Si
CL
1
Y Y W W
CL1W
W = Code for week sealed
= “Green” Packaging
TO-252 (D-PAK) (K4)
TO-92 (N3)
TO-92 (N3)
TO-243AA (SOT-89) (N8)
TO-252 (D-PAK) (K4)
TO-243AA (SOT-89) (N8)
Product Marking
NC
VA
VB
VA
N/C
VB
VB
N/C
VA
VA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com