Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2960 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2960 Datasheet(HTML) 1 Page - Texas Instruments

  LP2960 Datasheet HTML 1Page - Texas Instruments LP2960 Datasheet HTML 2Page - Texas Instruments LP2960 Datasheet HTML 3Page - Texas Instruments LP2960 Datasheet HTML 4Page - Texas Instruments LP2960 Datasheet HTML 5Page - Texas Instruments LP2960 Datasheet HTML 6Page - Texas Instruments LP2960 Datasheet HTML 7Page - Texas Instruments LP2960 Datasheet HTML 8Page - Texas Instruments LP2960 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP2960
www.ti.com
SNVS112C – APRIL 1999 – REVISED APRIL 2013
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
Check for Samples: LP2960
1
FEATURES
DESCRIPTION
The LP2960 is a micropower voltage regulator with
2
•
Output Voltage Adjusts from 1.23V–29V
very low dropout voltage (12 mV typical at 1 mA load
•
Ensured 500 mA Output Current
and 470 mV typical at 500 mA load) and very low
•
5V and 3.3V Versions Available
quiescent current (450
μA typical at 1 mA load).
•
16-Pin SO Package
The LP2960 is ideally suited for battery-powered
•
Low Dropout Voltage
systems: the quiescent current increases only slightly
at dropout, which prolongs battery life.
•
Low Quiescent Current
The LP2960 retains all the desirable characteristics of
•
Tight Line and Load Regulation
the LP2953, and offers increased output current.
•
Low Temperature Coefficient
The error flag goes low any time the output drops
•
Current Limiting and Thermal Protection
more than 5% out of regulation.
•
Logic-Level Shutdown
Reverse battery protection is provided.
•
Can be Wired for Snap-ON and Snap-OFF
•
Reverse Battery Protection
The
LP2960
requires
only
10
μF
of
output
capacitance for stability (5V version).
APPLICATIONS
The internal voltage reference is made available for
external use, providing a low-T.C. reference with very
•
High-Efficiency Linear Regulator
good regulation characteristics.
•
Regulator with Under-Voltage Shutdown
The part is available in a 16-pin surface mount
•
Low Dropout Battery-Powered Regulator
(SOIC) package.
•
Cellular Telephones
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
LP2960 TI2-LP2960 Datasheet
791Kb / 25P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
REVISED APRIL 2013
logo
National Semiconductor ...
LP2960AIM-3.3 NSC-LP2960AIM-3.3 Datasheet
452Kb / 17P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960AIM-3.3 TI1-LP2960AIM-3.3 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
More results

Similar Description - LP2960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2960IMX-33 TI1-LP2960IMX-33 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com