Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8739LEDS Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8739LEDS
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739LEDS Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8739LEDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 25Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 26Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 27Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 28Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 29Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
26
The device can be powered off by writing to the POWEROFF bit of the Power Down register. In
POWEROFF mode the Control Interface and a small portion of the digital remain active. The
analogue VMID reference is disabled. As in STANDBY mode the crystal oscillator pin can be
independently controlled. Refer to Table 18.
DESCRIPTION
10
X
X
POWEROFF, but with Crystal
Oscillator OSC available
11
X
X
POWEROFF, Crystal
oscillator not-available
Table 18 Power Off Mode
DEVICE RESETTING
The WM8739 contains a power on reset circuit that resets the internal state of the device to a known
condition. The power on reset is applied as DCVDD powers on and released only after the voltage
level of DCVDD crosses a minimum turn off threshold. If DCVDD later falls below a minimum turn on
threshold voltage then the power on reset is re-applied. The threshold voltages and associated
hysteresis are shown in the Electrical Characteristics table.
The user also has the ability to reset the device to a known state under software control as shown in
the table below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001111
Reset Register
8:0
RESET
not reset
Reset Register
Writing 00000000 to register resets
device
Table 19 Software Control of Reset
When using the software reset. In 3-wire mode the reset is applied on the rising edge of CSB and
released on the next rising edge of SCLK. In 2-wire mode the reset is applied for the duration of the
ACK signal (approximately 1 SCLK period, refer to Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com