Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3872 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3872
Description  1.5-A Fast Ultra-Low-Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3872 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3872 Datasheet HTML 4Page - Texas Instruments LP3872 Datasheet HTML 5Page - Texas Instruments LP3872 Datasheet HTML 6Page - Texas Instruments LP3872 Datasheet HTML 7Page - Texas Instruments LP3872 Datasheet HTML 8Page - Texas Instruments LP3872 Datasheet HTML 9Page - Texas Instruments LP3872 Datasheet HTML 10Page - Texas Instruments LP3872 Datasheet HTML 11Page - Texas Instruments LP3872 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LP3872, LP3875
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP387x linear regulators are designed to provide an ultra-low-dropout voltage with excellent transient
response and load/line regulation. For battery-powered always-on type applications, the very low quiescent
current of LP387x in shutdown mode helps reduce battery drain. For applications where load is not placed close
to the regulator, LP3875 incorporates a voltage sense circuit to improve voltage regulation at the point of load.
ERROR output pin of LP3872 can be used in the system to flag a low-voltage condition.
7.2 Functional Block Diagram
Figure 8. LP3872
Figure 9. LP3875
7.3 Feature Description
7.3.1 Shutdown (SD)
The LM387x devices have a shutdown feature that turns the device off and reduces the quiescent current to 10
nA, typical.
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3872 LP3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com