Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2996MRX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MRX/NOPB
Description  DDR Termination Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2996MRX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP2996MRX/NOPB Datasheet HTML 1Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 2Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 3Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 4Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 5Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 6Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 7Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 8Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
VDDQ
PVIN
AVIN
1
2
3
4
8
7
6
5
VSENSE
VREF
SD
GND
VTT
GND
VDDQ
VREF
VSENSE
10
11
GND
N/C
12
9
8
7
6
5
4
3
2
1
13
14
15
16
VTT
N/C
VTT
N/C
VDDQ
PVIN
AVIN
1
2
3
4
8
7
6
5
VSENSE
VREF
SD
GND
VTT
LP2996-N
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. SOIC-8 Layout
Figure 1. WQFN-16 Layout (Top View)
Figure 3. SO PowerPAD-8 Layout
PIN DESCRIPTIONS
SOIC-8 Pin
or SO
WQFN Pin
Name
Function
PowerPAD-8
Pin
1
2
GND
Ground
2
4
SD
Shutdown
3
5
VSENSE
Feedback pin for regulating VTT.
4
7
VREF
Buffered internal reference voltage of VDDQ/2
5
8
VDDQ
Input for internal reference equal to VDDQ/2
6
10
AVIN
Analog input pin
7
11, 12
PVIN
Power input pin
8
14, 15
VTT
Output voltage for connection to termination resistors
-
1, 3, 6, 9, 13, 16
NC
No internal connection
EP
EP
Exposed pad thermal connection. Connect to Ground.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
AVIN to GND
−0.3V to +6V
PVIN to GND
-0.3V to AVIN
VDDQ(3)
−0.3V to +6V
Storage Temp. Range
−65°C to +150°C
Junction Temperature
150°C
SOIC-8 Thermal Resistance (
θJA)
151°C/W
SO PowerPAD-8 Thermal Resistance (
θJA)
43°C/W
WQFN-16 Thermal Resistance (
θJA)
51°C/W
Lead Temperature (Soldering, 10 sec)
260°C
ESD Rating(4)
1kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating range indicates conditions for which
the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test conditions
see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
VDDQ voltage must be less than 2 x (AVIN - 1) or 6V, whichever is smaller.
(4)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com