Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3905 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3905 Datasheet(HTML) 1 Page - Texas Instruments

  LP3905 Datasheet HTML 1Page - Texas Instruments LP3905 Datasheet HTML 2Page - Texas Instruments LP3905 Datasheet HTML 3Page - Texas Instruments LP3905 Datasheet HTML 4Page - Texas Instruments LP3905 Datasheet HTML 5Page - Texas Instruments LP3905 Datasheet HTML 6Page - Texas Instruments LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
EN1
EN2
TGND
GND
LDO2
Vin2
LDO1
0.47 PF
0.47 PF
1.0 PF
Enable 1
LDO2
Output
LDO1
Output
VSupply
10 PF
10 PF
FB2
FB1
GND_B2
GND_B1
Vin1
SW1
SW2
LP3905
Buck1
Output
Buck2
Output
VSupply
2.2 PH
2.2 PH
LDO GND
BUCK GND
10 PF
SGND
Enable 2
LP3905
www.ti.com
SNVS374D – JUNE 2006 – REVISED MAY 2013
LP3905 Power Management Unit For Low Power Handheld Applications
Check for Samples: LP3905
1
FEATURES
KEY SPECIFICATIONS
Buck Regulators
•
Two Buck Regulators for Powering High
Current Processor Functions or Peripheral
•
Fixed and Adjustable Voltage Options, Range
Devices
1.0V to 3.3V(1)
•
Two Linear Regulators for Powering Internal
•
Up to 90% Efficiency
Processor Functions and I/Os
•
Auto-Switching PFM-PWM Mode and Fixed
•
One Enable Pin for Buck1 and Linear
PWM Mode
Regulators 1 and 2
•
2MHz PWM Fixed Switching Frequency (Typ)
•
Separate Enable Pin for Buck2
•
600mA Output Current
•
Thermal and Current Overload Protection
•
±4% Output Voltage Accuracy Over Temp
•
Small 14–Pin WSON Package (4x4mmx0.8mm)
•
Internal SoftStart
•
2.2µH Inductor, 10µF Input and Output Caps
APPLICATIONS
Linear Regulators
•
Baseband Processors
•
Output Options in the Range 1.5V to 3.3V(1)
•
Peripheral Processor (Video, Audio)
•
13.5µVrms Output Voltage Noise
•
I/O Power
•
PSRR - 70dB @ 1kHz
•
FPGA Power
•
±3% Output Voltage Accuracy Over Full Line
and Load Regulation
DESCRIPTION
•
0mA to 150mA Output Current
LP3905 is a multi-functional Power Management Unit,
optimized for low power handheld applications. This
•
Cin = 1.0µF, Cout = 0.47µF for 100mA O/P
device integrates two 600mA DC-DC buck regulators
•
Cin = 1.0µF, Cout = 1.0µF for 150mA O/P
and
two
150mA
linear
regulators.
Fixed
and
•
80mV Dropout Voltage
adjustable buck output versions are available. The
LP3905 additionally features two enable pins for the
device output control and is offered in an WSON
(1)
Fixed output voltage devices can be customized to fit system
package.
requirements. Please contact Texas Instruments Sales Office.
Typical Application Circuit
Figure 1. Typical Application Circuit – 14-Pin WSON Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3905

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3905 NSC-LP3905 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
logo
Texas Instruments
LP3905 TI2-LP3905 Datasheet
1,013Kb / 23P
LP3905 Power Management Unit For Low Power Handheld Applications
REVISED MAY 2013
logo
National Semiconductor ...
LP3905SD-00 NSC-LP3905SD-00 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
LP3905SD-30 NSC-LP3905SD-30 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
LP3905SD-A3 NSC-LP3905SD-A3 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
More results

Similar Description - LP3905

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
National Semiconductor ...
LP3905 NSC-LP3905 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
logo
NXP Semiconductors
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
TEA5767HL PHILIPS-TEA5767HL Datasheet
187Kb / 36P
Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
High Performance Power Management Unit for Handset Applications
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
High Performance Power Management Unit for Handset Applications
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
Power Management ICs for Handheld Device
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
Power Management Unit for Power Banks
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V01 Datasheet
1Mb / 87P
Power management IC for low-power microcontroller applications
Rev. 4.0 - 28 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com