Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR103GL Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # FR103GL
Description  GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

FR103GL Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  FR103GL Datasheet HTML 1Page - Diode Semiconductor Korea FR103GL Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4 --PEAK FORWARD SURGE CURRENT
FR101GL --- FR107GL
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
AMBIENT TEMPERATURE,
SET TIMEBASEFOR 50/100 ns/cm
FIG.2 -- TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF.
JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
10
N 1.
1
NONIN-
DUCTIVE
50
N 1.
(+)
25VDC
(approx)
(-)
D.U.T.
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE 1)
t rr
-1.0A
1c m
-0.25A
0
+0.5A
0
0.1
1.0
10
TJ=25
Pulse Width=300
µS
0.2 0.4 0.6 0.8 1 1.2
1.4 1.6
1.8 2
0.01
1
2
4
6
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
TJ=25
0.25
1.25
25
50
75
100
125
150
0
175
0.50
1.00
0.75
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
10
30
110
100
5
8.3ms Single Half
Sine-Wave
50
20
40
50
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com