Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3907 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 4Page - Texas Instruments LP3907 Datasheet HTML 5Page - Texas Instruments LP3907 Datasheet HTML 6Page - Texas Instruments LP3907 Datasheet HTML 7Page - Texas Instruments LP3907 Datasheet HTML 8Page - Texas Instruments LP3907 Datasheet HTML 9Page - Texas Instruments LP3907 Datasheet HTML 10Page - Texas Instruments LP3907 Datasheet HTML 11Page - Texas Instruments LP3907 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
8
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (MIN) and maximum (MAX) limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do
represent the most likely norm.
(3)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load.
(5)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
(6)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(7)
VIN minimum for line regulation values is 1.8 V.
(8)
Pins 24, 19 can operate from VIN min of 1.74 V to a VIN max of 5.5 V. This rating is only for the series pass PMOS power FET. It allows
the system design to use a lower voltage rating if the input voltage comes from a buck output.
(9)
Limits apply over the entire junction temperature range for operation,
−40°C to +125°C.
(10) The IQ can be defined as the standing current of the LP3907 when the I
2C bus is active and all other power blocks have been disabled
via the I2C bus, or it can be defined as the I2C bus active, and the other power blocks are active under no load condition. These two
values can be used by the system designer when the LP3907 is powered using a battery.
(11) The IQ exhibits a higher current draw when the EN pin is de-asserted because the I
2C buffer pins draw an additional 2 µA.
7.6
Low Dropout Regulators, LDO1 And LDO2
Unless otherwise noted, VIN = 3.6 V, CIN = 1 µF, COUT = 0.47 µF, and TJ = 25°C.
(1) (2) (3) (4) (5) (6) (7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Operational voltage range
VINLDO1 and VINLDO2 PMOS pins(8)
1.74(9)
5.5(9)
V
VOUT Accuracy Output voltage accuracy (default
VOUT)
Load current = 1 mA
–3%(9)
3%(9)
ΔVOUT
Line regulation
VIN = (VOUT + 0.3 V) to 5 V,
(7), load current = 1 mA
0.15(9)
%/V
Load regulation
VIN = 3.6 V,
Load current = 1 mA to IMAX
0.011(9)
%/mA
ISC
Short circuit current limit
LDO1-2, VOUT = 0 V
500
mA
VIN – VOUT
Dropout voltage
Load current = 50 mA
(5)
30
200(9)
mV
PSRR
Power supply ripple rejection
ƒ = 10 kHz, load current = IMAX
45
dB
eN
Supply output noise
10 Hz < F < 100 KHz
80
µVrms
IQ
(6) (10)
Quiescent current on
IOUT = 0 mA
40
µA
Quiescent current on
IOUT = IMAX
60
µA
Quiescent current off
EN is de-asserted(11)
0.03
µA
TON
Turnon time
Start-up from shutdown
300
µs
COUT
Output capacitor
Capacitance for stability
0°C
≤ TJ ≤ 125°C
0.33(9)
0.47
µF
−40°C ≤ TJ ≤ 125°C
0.68
1
µF
ESR
5(9)
500(9)
m
Ω
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (Min) and Maximum (Max) limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do
represent the most likely norm.
(3)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load.
(5)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(6)
Buck VIN ≥ VOUT + 1 V.
(7)
Limits apply over the entire junction temperature range for operation,
−40°C to +125°C.
7.7
Buck Converters SW1, SW2
Unless otherwise noted, VIN = 3.6 V, CIN = 10 µF, COUT = 10 µF, LOUT = 2.2-µH ceramic, and TJ = 25°C.
(1) (2) (3) (4) (5) (6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Feedback voltage
–3%(7)
3%(7)
VOUT
Line regulation
2.8 V < VIN < 5.5 V
IOUT = 10 mA
0.089
%/V
Load regulation
100 mA < IOUT < IMAX
0.0013
%/mA
Eff
Efficiency
Load current = 250 mA
96%
ISHDN
Shutdown supply current
EN is de-asserted
0.01
µA
ƒOSC
Internal oscillator frequency
1.7(7)
2.1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com