Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3918 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3918
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3918 Datasheet HTML 7Page - Texas Instruments LP3918 Datasheet HTML 8Page - Texas Instruments LP3918 Datasheet HTML 9Page - Texas Instruments LP3918 Datasheet HTML 10Page - Texas Instruments LP3918 Datasheet HTML 11Page - Texas Instruments LP3918 Datasheet HTML 12Page - Texas Instruments LP3918 Datasheet HTML 13Page - Texas Instruments LP3918 Datasheet HTML 14Page - Texas Instruments LP3918 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
Charger Electrical Characteristics
Unless otherwise noted, VCHG-IN = 5V, VIN ( = VIN1 = VIN2 = BATT) = 3.6V.CCHG_IN = 10µF, CBATT = 30µF. Charger set to
default settings unless otherwise noted. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, Ta = TJ = −25°C to +85°C.
(1) (2)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VCHG-IN
Input Voltage
4.5
6.5
Range
V
Operating Range
4.5
6
VOK_CHG
CHG_IN OK trip-
VCHG_IN - VBATT (Rising)
200
mV
point
VCHG_IN - VBATT (Falling)
50
VTERM
Battery Charge
Default
4.2
V
Termination
voltage
VTERM voltage
TJ = 25°C
-0.35
+0.35
%
tolerance
TJ = 0°C to 85°C
-1
+1
ICHG
Fast Charge
ICHG = 450mA
-10
+10
%
Current Accuracy
Programmable full-
6.0V
≥ VCHG_IN ≥ 4.5V
50
950
mA
rate charge current
VBATT < (VCHG_IN - VOK_CHG)
range(default
VFULL_RATE < VBATT < VTERM
100mA)
(3)
Default
100
Charge current
50
programming step
IPREQUAL
Pre-qualification
VBATT = 2V
50
40
60
mA
current
ICHG_USB
CHG_IN
5.5V
≥ VCHG_IN ≥
Low
programmable
4.5V
100
current in USB
VBATT < (VCHG_IN -
mode
VOK_CHG)
mA
VFULL_RATE < VBATT
High
450
< VTERM
Default = 100mA
100
VFULL_RATE
Full-rate
VBATT rising, transition from pre-qual to
3.0
2.9
3.1
qualification
full-rate charging
V
threshold
IEOC
End of Charge
0.1C option selected
10
Current, % of full-
%
rate current
VRESTART
Restart threshold
VBATT falling, transition from EOC to full-
4.05
3.97
4.13
voltage
rate charge mode. Default options
V
selected - 4.05V
IMON
IMON Voltage 1
ICHG = 100mA
0.247
V
IMON Voltage 2
ICHG = 450mA
1.112
0.947
1.277
TREG
Regulated junction
(4)
115
°C
temperature
(1)
All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Junction-to-ambient thermal resistance (
θJA) is taken from thermal modelling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The value of (
θJA) of this product could fall within a wide range, depending on PWB material,
layout, and environmental conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care
must be paid to thermal dissipation issues in board design.
(3)
Full charge current is specified for CHG_IN = 4.5 to 6.0V. At higher input voltages, increased power dissipation may cause the thermal
regulation to limit the current to a safe level, resulting in longer charging time.
(4)
Specified by design. Not production tested.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com