Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3923TLX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923TLX/NOPB
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923TLX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3923TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
LDO4 (A-Type) Electrical Characteristics
Unless otherwise noted, VIN=VIN2=BATT=3.6V, GND = 0V, CV!N1-2 = 10 µF, CLDOx= 1 µF, TCXO_EN high. Note VINMIN is the
greater of 3.0V or VOUT +0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
VOUT
Output Voltage Accuracy
IOUT = 1 mA, VOUT = 3.0V
−2
+2
%
−3
+3
Default Output Voltage
3.0
V
IOUT
Output Current
VINMIN ≤ VIN ≤ 5.5V
80
mA
Output Current Limit
VOUT = 0V
400
VDO
Dropout Voltage
IOUT =80 mA
(2) (3)
60
85
mV
ΔVOUT
Line Regulation
VINMIN + ≤ VIN ≤ 5.5V, IOUT = 1 mA
1
mV
Load Regulation
1 mA
≤ IOUT ≤ 80 mA
5
eN
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
10
µVRMS
COUT = 1 µF
(2)
PSRR
Power Supply Ripple Rejection
F = 10 kHz,
75
dB
Ratio
COUT = 1 µF, IOUT = 20 mA
(2)
tSTART-UP
Start-Up Time from Shut-down
COUT = 1 µF, IOUT = 80 mA
(2)
35
µs
TTransient
Start-Up Transient Overshoot
COUT = 1 µF, IOUT = 80 mA
(2)
30
mV
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Ensured by design.
(3)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating
Ratings. For example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation
with an input voltage at or about 1.5V.
LDO5, LDO6, LDO7 (A-Type) Electrical Characteristics
Unless otherwise noted, VIN=VIN2=BATT=3.6V, GND = 0V, CV!N1-2 = 10 µF, CLDOx= 1 µF, RX_EN, TX_EN high. Note VINMIN is
the greater of 3.0V or VOUT +0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
VOUT
Output Voltage Accuracy
IOUT = 1 mA, VOUT = 3.0V
−2
+2
%
−3
+3
Default Output Voltage
3.0
V
IOUT
Output Current
VINMIN ≤ VIN ≤ 5.5V
150
mA
Output Current Limit
VOUT = 0V
400
VDO
Dropout Voltage
IOUT = 150 mA
(2) (3)
100
150
mV
ΔVOUT
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
1
IOUT = 1 mA
mV
Load Regulation
1 mA
≤ IOUT ≤ 150 mA
5
eN
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
10
µVRMS
COUT = 1 µF
(2)
PSRR
Power Supply Ripple Rejection
F = 10 kHz, COUT = 1 µF, IOUT = 20 mA
(2)
75
dB
Ratio
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Ensured by design.
(3)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating
Ratings. For example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation
with an input voltage at or about 1.5V.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com