Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989IMX-3.3 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2989IMX-3.3
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989IMX-3.3 Datasheet(HTML) 3 Page - Texas Instruments

  LP2989IMX-3.3 Datasheet HTML 1Page - Texas Instruments LP2989IMX-3.3 Datasheet HTML 2Page - Texas Instruments LP2989IMX-3.3 Datasheet HTML 3Page - Texas Instruments LP2989IMX-3.3 Datasheet HTML 4Page - Texas Instruments LP2989IMX-3.3 Datasheet HTML 5Page - Texas Instruments LP2989IMX-3.3 Datasheet HTML 6Page - Texas Instruments LP2989IMX-3.3 Datasheet HTML 7Page - Texas Instruments LP2989IMX-3.3 Datasheet HTML 8Page - Texas Instruments LP2989IMX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LP2989
www.ti.com
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
5 Pin Configuration and Functions
D/DGK Packages
NGN Package
8-Pin SOIC and VSSOP
8-Lead WSON
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BYPASS
1
I
Bypass capacitor input
ERROR
7
O
Error signal output
GROUND
3
—
GND
INPUT
4
I
Regulator power input
DO NOT CONNECT. Device pin 2 is reserved for post packaging test and calibration of the
LP2989 VOUT accuracy. Device pin 2 must be left floating. Do not connect to any potential.
Do not connect to ground. Any attempt to do pin continuity testing on device pin 2 is
N/C
2
—
discouraged. Continuity test results will be variable depending on the actions of the factory
calibration. Aggressive pin continuity testing (high voltage, or high current) on device pin 2
may activate the trim circuitry forcing VOUT to move out of tolerance.
OUTPUT
5
O
Regulated output voltage
SENSE
6
I
Feedback voltage sense input
SHUTDOWN
8
I
Shutdown input
The exposed thermal pad on the bottom of the WSON package should be connected to a
copper thermal pad on the PCB under the package. The use of thermal vias to remove heat
from the package into the PCB is recommended. Connect the thermal pad to ground
Thermal Pad
—
—
potential or leave floating. Do not connect the thermal pad to any potential other than the
same ground potential seen at device pin 3. For additional information on using TI's Non Pull
Back WSON package, see Application Note AN-1187 Leadless Leadframe Package (LLP)
(SNOA401).
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com