Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989IMX-3.3/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2989IMX-3.3/NOPB
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989IMX-3.3/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP2989IMX-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LP2989IMX-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LP2989IMX-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP2989IMX-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP2989IMX-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP2989IMX-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP2989IMX-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP2989IMX-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP2989IMX-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LP2989
www.ti.com
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature
–40
125
°C
Operating input supply voltage
2.1
16
V
6.4 Thermal Information
LP2989
THERMAL METRIC(1)
WSON (NGN)
SOIC (D)
VSSOP (DGK)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance, High-K
34.8
114.5
156.5
RθJC(top)
Junction-to-case (top) thermal resistance
28.4
61.1
51.0
RθJB
Junction-to-board thermal resistance
12.0
55.6
76.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
9.7
4.9
ψJB
Junction-to-board characterization parameter
12.2
54.9
75.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.3
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VSD = 2 V.
LP2989AI-X.X(1)
LP2989I-X.X (1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
−0.75
0.75
−1.25
1.25
1 mA < IOUT < 500 mA,
VOUT(NOM) + 1 V ≤ VIN ≤ 16
−1.5
1.5
−2.5
2.5
V
1 mA < IOUT < 500 mA,
VOUT
Output voltage tolerance
%VNOM
VOUT(NOM) + 1 V ≤ VIN ≤ 16
−4
2.5
−5
3.5
V, –40°C
≤ TJ ≤ 125°C
1 mA < IOUT < 500 mA,
VOUT(NOM) + 1 V ≤ VIN ≤ 16
−3.5
2.5
−4.5
3.5
V,
−25°C ≤ TJ ≤ 125°C
VOUT(NOM) + 1 V ≤ VIN ≤ 16
0.005
0.014
0.005
0.014
V
Output voltage line
ΔVOUT/ΔVIN
%/V
regulation
VOUT(NOM) + 1 V ≤ VIN ≤ 16
0.005
0.032
0.005
0.032
V, –40°C
≤ TJ ≤ 125°C
ΔVOUT/ΔIOUT Load regulation
1 mA < IOUT < 500 mA
0.4
0.4
%VNOM
IOUT = 100 µA
1
3
1
3
mV
IOUT = 100 µA, –40°C ≤ TJ ≤
1
4
1
4
125°C
IOUT = 200 mA
150
200
150
200
VIN – VOUT
Dropout voltage(2)
mV
IOUT = 200 mA, –40°C ≤ TJ
150
300
150
300
≤ 125°C
IOUT = 500 mA
310
425
310
425
mV
IOUT = 500 mA, –40°C ≤ TJ
310
650
310
650
≤ 125°C
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
(2)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1-V differential.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com