Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1G Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # GS1G
Description  SURFACE MOUNT RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GS1G Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  GS1G Datasheet HTML 1Page - SUNMATE electronic Co., LTD GS1G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS1A - GS1M
CURRENT: 1.0 A
VOLTAGE RANGE: 50 - 1000V
! Glass Passivated Die Construction
!
! Low Forward Voltage Drop
!
!
! Plastic Case Material has UL Flammability
                            
! Case: SMA/DO-214AC, Molded Plastic
! Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
! Polarity: Cathode Band or Cathode Notch
! Marking: Type Number
! Weight: 0.064 grams (approx.)
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current @TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
Reverse Recovery Time (Note 1)
trr
2.5
µS
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Classification Rating 94V-O
Built-in Strain Relief
Low Power Loss
Ideally Suited for Automatic Assembly
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SURFACE MOUNT RECTIFIER DIODES
1 of 2
www.sunmate.tw
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
Characteristic
Symbol
GS1A
GS1B
GS1D
GS1G
GS1J
GS1K
GS1M
Unit


Similar Part No. - GS1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1G PANJIT-GS1G Datasheet
53Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1G SURGE-GS1G Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1G TRSYS-GS1G Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
GS1G JGD-GS1G Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Dc Components
GS1G DCCOM-GS1G Datasheet
417Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
More results

Similar Description - GS1G

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DSR05A SUNMATE-DSR05A Datasheet
385Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS1AF SUNMATE-GS1AF Datasheet
516Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS2A SUNMATE-GS2A Datasheet
576Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5A SUNMATE-GS5A Datasheet
314Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5AC SUNMATE-GS5AC Datasheet
312Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S3AC SUNMATE-S3AC Datasheet
310Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S6A SUNMATE-S6A Datasheet
668Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07A SUNMATE-S07A Datasheet
326Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07AF SUNMATE-S07AF Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER DIODES
S8A SUNMATE-S8A Datasheet
307Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com