Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN1509 Datasheet(PDF) 4 Page - Microchip Technology

Part # DN1509
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN1509 Datasheet(HTML) 4 Page - Microchip Technology

  DN1509 Datasheet HTML 1Page - Microchip Technology DN1509 Datasheet HTML 2Page - Microchip Technology DN1509 Datasheet HTML 3Page - Microchip Technology DN1509 Datasheet HTML 4Page - Microchip Technology DN1509 Datasheet HTML 5Page - Microchip Technology DN1509 Datasheet HTML 6Page - Microchip Technology DN1509 Datasheet HTML 7Page - Microchip Technology DN1509 Datasheet HTML 8Page - Microchip Technology DN1509 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DN1509
DS20005403B-page 4
 2015 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The locations of the pins are listed in Package Type.
TABLE 1-2:
TYPICAL THERMAL RESISTANCE
Package
θja
5-lead SOT-23
253°C/W
TO-243AA (SOT-89)
78°C/W1
1.
Mounted on FR4 board, 25mm x 25mm x 1.57 mm
TABLE 1-3:
THERMAL CHARACTERISTICS
Package
ID1
continuous
(mA)
1.
ID continuous is limited by max rated TJ
ID
pulsed
(mA)
Power
Dissipation
@TA = 2.5°C (W)
IDR1
(mA)
IDRM
(mA)
5-lead SOT-23
200
500
0.49
200
500
TO-243AA (SOT-89)
360
500
1.62
2.
Mounted on FR4 board, 25mm x 25mm x 1.57 mm
360
500
TABLE 2-1:
PIN DESCRIPTION
Pin # SOT-23
Pin # TO-243AA
Function
51
GATE
22
DRAIN
4
3
SOURCE
1,3
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com