Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV751 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV751
Description  LMV751 Low Noise, Low Vos, Single Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV751 Datasheet(HTML) 3 Page - Texas Instruments

  LMV751 Datasheet HTML 1Page - Texas Instruments LMV751 Datasheet HTML 2Page - Texas Instruments LMV751 Datasheet HTML 3Page - Texas Instruments LMV751 Datasheet HTML 4Page - Texas Instruments LMV751 Datasheet HTML 5Page - Texas Instruments LMV751 Datasheet HTML 6Page - Texas Instruments LMV751 Datasheet HTML 7Page - Texas Instruments LMV751 Datasheet HTML 8Page - Texas Instruments LMV751 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LMV751
www.ti.com
SNOS468E – AUGUST 1999 – REVISED MARCH 2013
2.7V Electrical Characteristics (continued)
V
+ = 2.7V, V= 0V, V
CM = 1.35V, TA = 25°C unless otherwise stated. Boldface limits apply over the Temperature Range.
Typ
Limit
Symbol
Parameter
Condition
Units
(1)
(2)
VO
Positive Voltage Swing
RL = 10k Connect to V
+/2
2.62
2.54
2.52
V
min
RL = 2k Connect to V
+/2
2.62
2.54
2.52
VO
Negative Voltage Swing
RL = 10k Connect to V
+/2
78
140
160
mV
max
RL = 2k Connect to V
+/2
78
160
180
IO
Output Current
Sourcing, VO = 0V
12
6.0
VIN (diff) = ±0.5V
1.5
mA
min
Sinking, VO = 2.7V
11
6.0
VIN (diff) = ±0.5V
1.5
en (10Hz)
Input Referred Voltage Noise
15.5
nV/
√Hz
en (1kHz)
Input Referred Voltage Noise
7
nV/
√Hz
en (30kHz)
Input Referred Voltage Noise
7
10
nV/
√Hz max
IN(1kHz)
Input Referred Current Noise
0.01
pA/
√Hz
GBW
Gain-Bandwidth Product
4.5
2
MHZ
min
SR
Slew Rate
2
V/µs
5.0V Electrical Characteristics
V
+ = 5.0V, V= 0V, V
CM = 2.5V, TA = 25°C unless otherwise stated.Boldface limits apply over the Temperature Range.
Typ
Limit
Symbol
Parameter
Units
(1)
(2)
VOS
Input Offset Voltage
0.05
1.0
mV
1.5
max
CMRR
Common Mode Rejection Ratio
0V < VCM < 3.6V
103
85
dB
70
min
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50dB
0
V
min
3.7
3.6
V
max
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5.0V
107
85
dB
70
min
IS
Supply Current
0.6
0.9
mA
0.95
max
IIN
Input Current
1.5
100
pA
max
IOS
Input offset Current
0.2
pA
AVOL
Voltage Gain
RL = 10k Connect to V
+/2
120
110
db
VO = 0.2V to 4.5V
95
min
RL = 2k Connect to V
+/2
120
100
VO = 0.2V to 4.5V
85
VO
Positive Voltage Swing
RL = 10k Connect to V
+/2
4.89
4.82
4.80
V
min
RL = 2k Connect to V
+/2
4.89
4.82
4.80
VO
Negative Voltage Swing
RL = 10k Connect to V
+/2
86
160
180
mV
max
RL = 2k Connect to V
+/2
86
180
200
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are ensured by testing or statistical analysis
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com