Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV751M5X/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV751M5X/NOPB
Description  LMV751 Low Noise, Low Vos, Single Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV751M5X/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV751M5X/NOPB Datasheet HTML 1Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 2Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 3Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 4Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 5Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 6Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 7Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 8Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LMV751
SNOS468E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
Differential Input Voltage
±Supply Voltage
Supply Voltage (V+ - V)
5.5V
Lead Temperature (Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to 150°C
Junction Temperature (TJ)
(4)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 1000pF.
(4)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Recommended Operating Conditions
Supply Voltage
2.7V to 5.0V
Temperature Range
−40°C ≤ TJ ≤ 85°C
Thermal Resistance (
θJA)
(1)
DBV-5 Package, SOT-23-5
274°C/W
(1)
All numbers are typical, and apply to packages soldered directly onto PC board in still air.
2.7V Electrical Characteristics
V
+ = 2.7V, V= 0V, V
CM = 1.35V, TA = 25°C unless otherwise stated. Boldface limits apply over the Temperature Range.
Typ
Limit
Symbol
Parameter
Condition
Units
(1)
(2)
VOS
Input Offset Voltage
0.05
1.0
mV
1.5
max
VCM
Input common-Mode Voltage Range
For CMRR
≥ 50dB
0
V
min
1.4
1.3
V
max
CMRR
Common Mode Rejection Ratio
0V < VCM < 1.3V
100
85
dB
70
min
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5.0V
107
85
dB
70
min
IS
Supply Current
0.5
0.8
mA
0.85
max
IIN
Input Current
1.5
100
pA
max
IOS
Input Offset Current
0.2
pA
AVOL
Voltage Gain
RL = 10k Connect to V
+/2
120
110
VO = 0.2V to 2.2V
95
dB
min
RL = 2k Connect to V
+/2
120
100
VO = 0.2V to 2.2V
85
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are ensured by testing or statistical analysis
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com