Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV794MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV794MA/NOPB
Description  LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV794MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV794MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 21Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 22Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 23Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 24Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
p =
1
1 + sCFRF
´
z =
1
1 + sRF (CF + CIN)
´
F =
1 + sCFRF
1 + sRF (CF + CIN)
-
+
CF
RF
IDIODE
VOUT
LMV793
VA
CIN
-
+
2.5V
CF
RF
DPHOTO
CD
CCM
-2.5V
2.5V
VOUT
LMV793
LMV793, LMV794
www.ti.com
SNOSAX6D – MARCH 2007 – REVISED MARCH 2013
Figure 56. Transimpedance Amplifier
Figure 56 is the complete schematic for a transimpedance amplifier. Only the supply bypass capacitors are not
shown. CD represents the photo diode capacitance which is given on its datasheet. CCM is the input common
mode capacitance of the op amp and, for the LMV793 it is shown in the last drawing of the Typical Performance
Characteristics section of this datasheet. In Figure 56 the inverting input pin of the LMV793 is kept at virtual
ground. Even though the diode is connected to the 2.5V line, a power supply line is AC ground, thus CD is
connected to ground.
Figure 57 shows the schematic needed to derive F, the feedback factor, for a transimpedance amplifier. In this
figure CD + CCM = CIN. Therefore it is critical that the designer knows the diode capacitance and the op amp input
capacitance. The photo diode is close to an ideal current source once its capacitance is included in the model.
What kind of circuit is this? Without CF there is only an input capacitor and a feedback resistor. This circuit is a
differentiator! Remember, differentiator circuits are inherently unstable and must be compensated. In this case CF
compensates the circuit.
Figure 57. Transimpedance Feedback Model
Using feedback theory, F = VA/VOUT, this becomes a voltage divider giving the following equation:
(12)
The noise gain is 1/F. Because this is a differentiator circuit, a zero must be inserted. The location of the zero is
given by:
(13)
CF has been added for stability. The addition of this part adds a pole to the circuit. The pole is located at:
(14)
To attain maximum bandwidth and still have good stability the pole is to be located on the open loop gain curve
which is A. If additional compensation is required one can always increase the value of CF, but this will also
reduce the bandwidth of the circuit. Therefore A = 1/F, or AF = 1. For A the equation is:
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV793 LMV794



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com