Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ14201HTZX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14201HTZX/NOPB
Description  LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ14201HTZX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMZ14201HTZX/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Exposed Pad
Connect to GND
5
SS
6
FB
3
EN
1
VIN
2
RON
4
GND
7
VOUT
LMZ14201H
www.ti.com
SNVS690H – JANUARY 2011 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
NDW Package
7-Pin TO-PMD
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VIN
Power
Supply input — Additional external input capacitance is required between this pin and the exposed
pad (EP).
2
RON
Analog
ON-time resistor — An external resistor from VIN to this pin sets the ON-time and frequency of the
application. Typical values range from 100 k
Ω to 700 kΩ.
3
EN
Analog
Enable — Input to the precision enable comparator. Rising threshold is 1.18 V.
4
GND
Ground
Ground — Reference point for all stated voltages. Must be externally connected to EP.
5
SS
Analog
Soft-Start — An internal 8 µA current source charges an external capacitor to produce the soft-start
function.
6
FB
Analog
Feedback — Internally connected to the regulation, overvoltage, and short-circuit comparators. The
regulation reference point is 0.8 V at this input pin. Connect the feedback resistor divider between the
output and ground to set the output voltage.
7
VOUT
Power
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin
and the EP.
—
EP
Ground
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during
operation. Must be electrically connected to pin 4 external to the package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN, RON to GND
–0.3
43.5
V
EN, FB, SS to GND
–0.3
7
V
Junction Temperature
150
°C
Peak Reflow Case Temperature
245
°C
(30 sec)
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For soldering specifications, refer to the following document: SNOA549
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ14201H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com