Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG104AID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LOG104AID
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG104AID Datasheet(HTML) 10 Page - Texas Instruments

Back Button LOG104AID Datasheet HTML 6Page - Texas Instruments LOG104AID Datasheet HTML 7Page - Texas Instruments LOG104AID Datasheet HTML 8Page - Texas Instruments LOG104AID Datasheet HTML 9Page - Texas Instruments LOG104AID Datasheet HTML 10Page - Texas Instruments LOG104AID Datasheet HTML 11Page - Texas Instruments LOG104AID Datasheet HTML 12Page - Texas Instruments LOG104AID Datasheet HTML 13Page - Texas Instruments LOG104AID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.ti.com
LOG104
10
SBOS243C
(8)
(9)
(10)
(11)
(12)
(13)
INDIVIDUAL ERROR COMPONENTS
The ideal transfer function with current input is:
VV
I
I
OUT =
(
) •
05
1
2
.log
The actual transfer function with the major components of
error is:
VV
K
II
II
Nm
V
OUT
B
B
OS O
=
(
) ±
(
)
±±
05
1
11
22
.
log
–
–
∆
The individual component of error is:
∆K = gain accuracy (0.15%, typ), as specified in
specification table.
IB1 = bias current of A1 (5pA, typ)
IB2 = bias current of A2 (5pA, typ)
N = log conformity error (0.01%, 0.06%, typ)
0.01% for n = 5, 0.06% for n = 7.5
VOSO = output offset voltage (3mV, typ)
m = number of decades over which N is specified:
Example: what is the error when
I1 = 1µA and I2 = 100nA
VmV
OUT =±
(
)
−
−
±
( )(
) ±
−−
−−
0 5
0 0015
10
5 10
10
5 10
2 0 0001 5
3 0
612
712
.
.
log
•
•
..
= 0.5055V
Since the ideal output is 0.5V, the error as a percent of
reading is
%
.
.
%. %
error
=•
=
0 5055
05
100
1 1
For the case of voltage inputs, the actual transfer function is
VV
K
V
R
I
E
R
V
R
I
E
R
Nm
V
OUT
B
OS
B
OS
OSO
=
(
) ±
(
)
±
±
±±
05
1
1
1
1
1
1
2
2
2
2
2
.log
–
–
∆
Where
E
R
and
E
R
OS
OS
1
1
2
2
are considered to be zero for large
values of resistance from external input current sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com