Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG102 Datasheet(PDF) 11 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments LOG102 Datasheet HTML 10Page - Texas Instruments LOG102 Datasheet HTML 11Page - Texas Instruments LOG102 Datasheet HTML 12Page - Texas Instruments LOG102 Datasheet HTML 13Page - Texas Instruments LOG102 Datasheet HTML 14Page - Texas Instruments LOG102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
LOG102
11
SBOS211B
DEFINITION OF TERMS
TRANSFER FUNCTION
The ideal transfer function is:
VOUT = 1V • logI1/I2
Figure 14 shows the graphical representation of the transfer
over valid operating range for the LOG102.
FIGURE 14. Transfer Function with Varying I2 and I1.
ACCURACY
Accuracy considerations for a log ratio amplifier are some-
what more complicated than for other amplifiers. This is
because the transfer function is nonlinear and has two
inputs, each of which can vary over a wide dynamic range.
The accuracy for any combination of inputs is determined
from the total error specification.
TOTAL ERROR
The total error is the deviation (expressed in mV) of the
actual output from the ideal output of VOUT = 1V • log(I1/I2).
Thus,
VOUT (ACTUAL) = VOUT (IDEAL) ± Total Error.
It represents the sum of all the individual components of error
normally associated with the log amp when operated in the
current input mode. The worst-case error for any given ratio
of I1/I2 is the largest of the two errors when I1 and I2 are
considered separately; this case is shown in Table I. Tem-
perature can affect total error.
ERRORS RTO AND RTI
As with any transfer function, errors generated by the func-
tion itself may be Referred-to-Output (RTO) or Referred-to-
Input (RTI). In this respect, log amps have a unique property:
Given some error voltage at the log amp’s output, that error
corresponds to a constant percent of the input regardless of
the actual input level.
LOG CONFORMITY
For the LOG102, log conformity is calculated the same as
linearity and is plotted I1/I2 on a semi-log scale. In many
applications, log conformity is the most important specifica-
tion. This is true because bias current errors are negligible
(1pA compared to input currents of 1nA and above) and the
scale factor and offset errors may be trimmed to zero or
removed by system calibration. This leaves log conformity as
the major source of error.
Log conformity is defined as the peak deviation from the best
fit straight line of the VOUT versus log (I1/I2) curve. This is
expressed as a percent of ideal full-scale output. Thus, the
nonlinearity error expressed in volts over m decades is:
VOUT (NONLIN) = 1V/dec • 2Nm V
where N is the log conformity error, in percent.
INDIVIDUAL ERROR COMPONENTS
The ideal transfer function with current input is:
VV
I
I
OUT =
( )
1
1
2
log
The actual transfer function with the major components of
error is:
VV
K
II
II
Nm
V
OUT
B
B
OS OUT
=
( ) ±
(
)
±±
11
2
1
1
2
2
∆ log
The individual component of error is:
∆K = gain accuracy (0.3%, typ), as specified in
specification table.
IB1 = bias current of A1 (5pA, typ)
IB2 = bias current of A2 (5pA, typ)
N = log conformity error (0.04%, 0.15%, typ)
0.04% for n = 5, 0.15% for n = 6
VOS OUT = output offset voltage (1mV, typ)
n = number of decades over which N is specified:
Example: what is the error when
I1 = 1µA and I2 = 100nA
I1 (maximum error)(1)
10nA
100nA
1
µA
(30mV)
(25mV)
(20mV)
100nA
(25mV)
30mV
25mV
25mV
1
µA
(20mV)
30mV
25mV
20mV
10
µA
(25mV)
30mV
25mV
25mV
NOTE: (1) Maximum errors are in parenthesis.
I2
(maximum
error)(1)
TABLE I. I1/I2 and Maximum Errors.
(5)
3
2
1
0
–3
1
µA10µA 100µA
1mA
100nA
10nA
V
OUT = (1V) • LOG
Dashed Line = Greater
Supply Voltage Requirement
I
1
I
2
I 2=
10nA
I 2=
10
0nA
I 2=
1nA
I 2=
A
I 2=
100
µA
I 2=
1
A
I 2=
1
mA
I
1
(5)
(6)
(7)
(8)
(9)
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com