Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS36276M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36276M
Description  FAILSAFE Multipoint Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36276M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS36276M Datasheet HTML 1Page - National Semiconductor (TI) DS36276M Datasheet HTML 2Page - National Semiconductor (TI) DS36276M Datasheet HTML 3Page - National Semiconductor (TI) DS36276M Datasheet HTML 4Page - National Semiconductor (TI) DS36276M Datasheet HTML 5Page - National Semiconductor (TI) DS36276M Datasheet HTML 6Page - National Semiconductor (TI) DS36276M Datasheet HTML 7Page - National Semiconductor (TI) DS36276M Datasheet HTML 8Page - National Semiconductor (TI) DS36276M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS36276
FAILSAFE Multipoint Transceiver
General Description
The DS36276 FAILSAFE Multipoint Transceiver is designed
for use on bi-directional differential busses. It is compatible
with existing TIA/EIA-485 transceivers, however, it offers an
additional feature not supported by standard transceivers.
The FAILSAFE feature guarantees the receiver output to a
known state when the Interface is in the following conditions:
Floating Line, Idle Line (no active drivers), and Line Fault
conditions (open or short). The receiver output is in a HIGH
state for the following conditions: OPEN Inputs, Terminated
Inputs (50
Ω), and SHORTED Inputs.
FAILSAFE is a highly desirable feature when the transceiv-
ers are used with Asynchronous Controllers such as UARTs.
Features
n FAILSAFE receiver, RO = HIGH for:
— OPEN inputs
— Terminated inputs
— SHORTED inputs
n Compatible with popular interface standards:
— TIA/EIA-485 (RS-485)
— TIA/EIA-422-A (RS-422-A)
— CCITT Recommendation V.11
n Bi-Directional Transceiver
— Designed for multipoint transmission
n Separate driver input, driver enable, receiver enable,
and receiver output for maximum flexibility
n Wide bus common mode range
— (−7V to +12V)
n Pin compatible with: DS75176B, DS96176, DS3695 and
SN75176A and B
n Available in SOIC package
Connection and
Logic Diagram
Truth Tables
Driver
Inputs
Outputs
RE
DE
DI
DO/RI
DO /RI
XH
H
H
L
XH
L
L
H
XLX
Z
Z
Receiver
Inputs
Output
RE
DE
RI–RI
RO
LL
≥0V
H
LL
≤−500 mV
L
HX
X
Z
Receiver FAILSAFE
Inputs
Output
RE
DE
RI–RI
RO
L
L
SHORTED
H
L
L
OPEN
H
HX
X
Z
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS011383-1
Order Number DS36276M
See NS Package Number M08A
July 1998
© 1999 National Semiconductor Corporation
DS011383
www.national.com


Similar Part No. - DS36276M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS36276M TI1-DS36276M Datasheet
278Kb / 13P
FAILSAFE Multipoint Transceiver
DS36276M/NOPB TI1-DS36276M/NOPB Datasheet
278Kb / 13P
FAILSAFE Multipoint Transceiver
DS36276MX TI1-DS36276MX Datasheet
278Kb / 13P
FAILSAFE Multipoint Transceiver
DS36276MX/NOPB TI1-DS36276MX/NOPB Datasheet
278Kb / 13P
FAILSAFE Multipoint Transceiver
More results

Similar Description - DS36276M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36277 NSC-DS36277 Datasheet
269Kb / 12P
Dominant Mode Multipoint Transceiver
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
Low Power Multipoint EIA-RS-485 Transceiver
DS485 NSC-DS485 Datasheet
140Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver
DS36277 NSC-DS36277_02 Datasheet
704Kb / 13P
Dominant Mode Multipoint Transceiver
logo
Texas Instruments
DS36277TM TI-DS36277TM Datasheet
369Kb / 16P
DS36277 Dominant Mode Multipoint Transceiver
DS36277TMX TI1-DS36277TMX Datasheet
1,018Kb / 18P
Dominant Mode Multipoint Transceiver
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
DS36276 TI1-DS36276_11 Datasheet
278Kb / 13P
FAILSAFE Multipoint Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com