Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMD9 Datasheet(PDF) 2 Page - Rohm

Part # EMD9
Description  Digital Transistor (Dual Digital Transistors for Inverter Drive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD9 Datasheet(HTML) 2 Page - Rohm

  EMD9 Datasheet HTML 1Page - Rohm EMD9 Datasheet HTML 2Page - Rohm EMD9 Datasheet HTML 3Page - Rohm EMD9 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMD9 / UMD9N / IMD9A
Transistors
Rev.A
2/3
Electrical characteristics curves DTr1 (DTC114Y)
VO
=−0.3V
OUTPUT CURRENT : IO
(A)
−100
−50
−20
−10
−200m
−100m
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ−5m
−50m
−5
−2
−1
−500m
25
°C
100
°C
Ta
=−40°C
Fig.1 Input voltage vs. output current
(ON characteristics)
VCC
=−5V
0
−3.0
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1.0
−1.5 −2.0
−2.5
INPUT VOLTAGE : VI(off)
(V)
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta
=100°C
25
°C
−40°C
VO
=−5V
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
Fig.3 DC current gain vs. output
current
Ta
=100°C
25
°C
−40°C
lO/lI
=20
−500m
−1
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
OUTPUT CURRENT : IO
(A)
Ta
=100°C
25
°C
−40°C
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ−5m
−50m
Fig.4 Output voltage vs. output
current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com