Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC532AM Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC532AM
Description  LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC532AM Datasheet(HTML) 2 Page - Texas Instruments

  TLC532AM Datasheet HTML 1Page - Texas Instruments TLC532AM Datasheet HTML 2Page - Texas Instruments TLC532AM Datasheet HTML 3Page - Texas Instruments TLC532AM Datasheet HTML 4Page - Texas Instruments TLC532AM Datasheet HTML 5Page - Texas Instruments TLC532AM Datasheet HTML 6Page - Texas Instruments TLC532AM Datasheet HTML 7Page - Texas Instruments TLC532AM Datasheet HTML 8Page - Texas Instruments TLC532AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLC532AI, TLC532AM, TLC533AI, TLC533AM
LinCMOS
™ 8-BIT ANALOG-TO-DIGITAL PERIPHERALS
WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
SLAS070 – D2819, NOVEMBER 1983 – REVISED SEPTEMBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
description (continued)
(most-significant byte first). In this manner, a microprocessor can access up to 11 external analog inputs or 6
digital signals and the positive reference voltage that may be used for self-test. The A/D conversion uses the
successive-approximation technique and switched-capacitor circuitry. This method eliminates the possibility of
missing codes, nonmonotonicity, and a need for zero or full-scale adjustment. Any one of 11 analog inputs (or
self-test) can be converted to an 8-bit digital word and stored within 10
µs for the TLC532A or 20 µs for
theTLC533A after instructions from the microprocessor are recognized. The on-chip sample-and-hold circuit
automatically minimizes errors due to noise on the analog inputs. Furthermore, differential high-impedance
reference inputs are available to help isolate the analog circuitry from the logic and supply noises while easing
ratiometric conversion and scaling.
The TLC532AI and TLC533AI are characterized for operation from – 40
°C to 85°C. The TLC532AM and
TLC533AM are available in both the N and FN plastic packages and are characterized for operation from – 55
°C
to 125
°C.
functional description
The TLC532A and TLC533A provide direct interface to a microprocessor-based system. Control of the
TLC532A and TLC533A is handled via the 8-line TTL-compatible 3-state data bus, the three control inputs (R/W,
RS, and CS), and the CLK input. Each device contains three 16-bit internal registers — the control register, the
analog conversion data register, and the digital data register.
A high level at the R/W input and a low level at the CS input set the device to output data on the 8-line data bus
for the processor to read. A low level at the R/W input and a low level at the CS input set the device to receive
instructions into the internal control register on the 8-line data bus from the processor. When the device is in
the read mode and the RS input is low, the processor reads the data contained in the analog conversion data
register. However, when the RS input is high, the processor reads the data contained in the digital-data register.
The control register is a write-only register into which the microprocessor writes command instructions for the
device to start A/D conversion and to select the analog channel to be converted. The analog conversion data
register is a read-only register that contains the current converter status and most recent conversion results.
The digital data register is also a read-only register that holds the digital input logic levels from the six
dual-purpose inputs.
Internally each device contains a byte pointer that selects the appropriate byte during two cycles of the CLK input
in a normal 16-bit microprocessor instruction. The internal pointer automatically points to the most significant
(MS) byte after the first complete clock cycle any time that the CS is at the high level for at least one clock cycle.
The device treats the next signal on the 8-line data bus as the MS byte. A low level at the CS input activates
the inputs and outputs and an internal function decoder. However, no data is transferred until the CLK goes high.
The internal byte pointer first points to the MS byte of the selected register during the first clock cycle. After the
first clock cycle in which the MS byte is accessed, the internal pointer switches to the LS byte and remains there
for as long as CS is low. The MS byte of any register may be accessed by either an 8-bit or a 16-bit
microprocessor instruction; however, the LS byte may only be accessed by a 16-bit microprocessor instruction.
Normally, a 2-byte word is written or read from the controlling processor, but a single byte can be read by the
processor by manipulating the CS input. This can be used to read conversion status from the analog conversion
data register or the digital multipurpose input levels from the digital data register. The format and content of each
2-byte word is shown in Figures 1 through 3.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com