Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC551CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC551CD
Description  LinCMOSE TIMERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC551CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC551CD Datasheet HTML 6Page - Texas Instruments TLC551CD Datasheet HTML 7Page - Texas Instruments TLC551CD Datasheet HTML 8Page - Texas Instruments TLC551CD Datasheet HTML 9Page - Texas Instruments TLC551CD Datasheet HTML 10Page - Texas Instruments TLC551CD Datasheet HTML 11Page - Texas Instruments TLC551CD Datasheet HTML 12Page - Texas Instruments TLC551CD Datasheet HTML 13Page - Texas Instruments TLC551CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLC551, TLC551Y
LinCMOS
™ TIMERS
SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
0.1
µF
0.1
µF
CT
CL
RL
Output
RB
RA
GND
TRIG
THRES
RESET
DISCH
CONT
VDD
OUT
VDD
2/3 VDD
1/3 VDD
GND
tPHL
tPLH
tc(H)
tc(L)
CIRCUIT
TRIGGER AND THRESHOLD VOLTAGE WAVEFORM
TLC551
3
8
5
4
7
6
2
1
VDD
Figure 3. Astable Operation
Connecting TRIG to THRES, as shown in Figure 3, causes the timer to run as a multivibrator. The capacitor CT
charges through RA and RB to the threshold voltage level (approximately 0.67 VDD) and then discharges through RB
only to the value of the trigger voltage level (approximately 0.33 VDD). The output is high during the charging cycle
(tc(H)) and low during the discharge cycle (tc(L)). The duty cycle is controlled by the values of RA, and RB, and CT, as
shown in the equations below.
t
c(H) [
C
T
(R
A )
R
B
)In2 (In 2
+ 0.693)
t
c(L) [
C
T
R
B
In 2
Period
+ t
c(H) )
t
c(L) [
C
T
(R
A )
2R
B
)In2
Output driver duty cycle
+
t
c(L)
t
c(H) )
t
c(L)
[ 1–
R
B
R
A )
2R
B
Output waveform duty cycle
+
t
c(H)
t
c(H) )
t
c(L)
[
R
B
R
A )
2R
B
The 0.1-
µF capacitor at CONT in Figure 3 decreases the period by about 10%.
The formulas shown above do not allow for any propagation delay times from TRIG and THRES to DISCH. These
delay times add directly to the period and create differences between calculated and actual values that increase with
frequency. In addition, the internal on-state resistance ron during discharge adds to RB to provide another source of
timing error in the calculation when RB is very low or ron is very high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com