Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2810ZP Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC2810ZP
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810ZP Datasheet(HTML) 5 Page - Texas Instruments

  TLC2810ZP Datasheet HTML 1Page - Texas Instruments TLC2810ZP Datasheet HTML 2Page - Texas Instruments TLC2810ZP Datasheet HTML 3Page - Texas Instruments TLC2810ZP Datasheet HTML 4Page - Texas Instruments TLC2810ZP Datasheet HTML 5Page - Texas Instruments TLC2810ZP Datasheet HTML 6Page - Texas Instruments TLC2810ZP Datasheet HTML 7Page - Texas Instruments TLC2810ZP Datasheet HTML 8Page - Texas Instruments TLC2810ZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2810Z
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 1 V,
VIC = 1 V,
25
°C
1.8
10
mV
VIO
Input offset voltage
O
,
RS = 50 Ω,
IC
,
RL = 10 kΩ
Full range
12
mV
αVIO
Average temperature coefficient of input offset voltage
25
°C to
150
°C
3.5
µV/°C
IIO
Input offset current (see Note 4)
VIC =1V
VO =1V
25
°C
2.4
100
pA
IIO
Input offset current (see Note 4)
VIC = 1 V,
VO = 1 V
150
°C
5.2
30
nA
IIB
Input bias current (see Note 4)
VIC =1V
VO =1V
25
°C
7
100
pA
IIB
Input bias current (see Note 4)
VIC = 1 V,
VO = 1 V
150
°C
50
150
nA
– 0.2
– 0.3
25
°C
0.2
to
0.3
to
V
VICR
Common mode input voltage range (see Note 5)
RS =50 Ω
4
4.2
VICR
Common-mode input voltage range (see Note 5)
RS = 50 Ω
– 0.2
Full range
0.2
to
V
g
3.8
VOH
High level output voltage
VIC = 1 V,
VID 100 mV
25
°C
3.2
3.8
V
VOH
High-level output voltage
VID = 100 mV,
IOH = – 1 mA
Full range
3
V
VOL
Low level output voltage
VIC = 1 V,
VID
100 mV
25
°C
80
150
mV
VOL
Low-level output voltage
VID = – 100 mV,
IOL = 1 mA
Full range
190
mV
AVD
Large signal differential voltage amplification
VIC = 1 V,
VO 0 25Vto2V
25
°C
5
25
V/mV
AVD
Large-signal differential voltage amplification
VO = 0.25 V to 2 V,
RL = 10 kΩ
Full range
4
V/mV
CMRR
Common mode rejection ratio
VO = 1 V,
VIC VICRmin
25
°C
65
90
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
60
dB
kSVR
Supply voltage rejection ratio (
∆VDD /∆VIO)
VDD = 4 V to 16 V,
VO 1V
VIC 1V
25
°C
65
75
dB
kSVR
Supply-voltage rejection ratio (
∆VDD /∆VIO)
VO = 1 V,
VIC = 1 V,
RS = 50 Ω
Full range
60
dB
IDD
Supply current
VO = 1 V,
VIC = 1 V,
25
°C
1
3.2
mA
IDD
Supply current
O
No load
IC
Full range
4.4
mA
† Full range is – 40
°C to 150°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com