Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652IP Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC2652IP
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652IP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC2652IP Datasheet HTML 17Page - Texas Instruments TLC2652IP Datasheet HTML 18Page - Texas Instruments TLC2652IP Datasheet HTML 19Page - Texas Instruments TLC2652IP Datasheet HTML 20Page - Texas Instruments TLC2652IP Datasheet HTML 21Page - Texas Instruments TLC2652IP Datasheet HTML 22Page - Texas Instruments TLC2652IP Datasheet HTML 23Page - Texas Instruments TLC2652IP Datasheet HTML 24Page - Texas Instruments TLC2652IP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 31
−50
− 25
50
°
48
°
46
°
44
°
42
°
40
°
TA − Free-Air Temperature − °C
−75
0
50
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
100
125
25
75
VDD ± = ±5 V
RL = 10 kΩ
CL = 100 pF
Figure 32
0
200
400
600
PHASE MARGIN
vs
LOAD CAPACITANCE
800
1000
VDD ± = ±5 V
RL = 10 kΩ
TA = 25°C
CL − Load Capacitance − pF
60
°
50
°
40
°
30
°
20
°
10
°
0
°
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
APPLICATION INFORMATION
capacitor selection and placement
The two important factors to consider when selecting external capacitors CXA and CXB are leakage and
dielectric absorption. Both factors can cause system degradation, negating the performance advantages
realized by using the TLC2652.
Degradation from capacitor leakage becomes more apparent with the increasing temperatures. Low-leakage
capacitors and standoffs are recommended for operation at TA = 125°C. In addition, guard bands are
recommended around the capacitor connections on both sides of the printed circuit board to alleviate problems
caused by surface leakage on circuit boards.
Capacitors with high dielectric absorption tend to take several seconds to settle upon application of power, which
directly affects input offset voltage. In applications where fast settling of input offset voltage is needed, it is
recommended that high-quality film capacitors, such as mylar, polystyrene, or polypropylene, be used. In other
applications, however, a ceramic or other low-grade capacitor can suffice.
Unlike many choppers available today, the TLC2652 is designed to function with values of CXA and CXB in the
range of 0.1
µF to 1 µF without degradation to input offset voltage or input noise voltage. These capacitors
should be located as close as possible to the CXA and CXB pins and returned to either VDD− or C RETURN. On
many choppers, connecting these capacitors to VDD− causes degradation in noise performance. This problem
is eliminated on the TLC2652.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com