Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3658 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3658
Description  Quad High Current Peripheral Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3658 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3658 Datasheet HTML 1Page - National Semiconductor (TI) DS3658 Datasheet HTML 2Page - National Semiconductor (TI) DS3658 Datasheet HTML 3Page - National Semiconductor (TI) DS3658 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
15V
Output Voltage
70V
Output Current
15A
Continuous Power Dissipation
25 C Free-Air (Note 5)
2075 mW
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage
475
525
V
Ambient Temperature
0
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
20
V
VIL
Input Low Voltage
08
V
IIH
Input High Current
VIN e 525V VCC e 525V
10
10
m
A
IIL
Input Low Current
VIN e 04V
g
10
m
A
VIK
Input Clamp Voltage
II eb12 mA
b
08
b
15
V
VOL
Output Low Voltage
IL e 300 mA
02
04
V
IL e 600 mA (Note 4)
035
07
V
ICEX
Output Leakage Current
VCE e 70V VIN e 08V
100
m
A
VF
Diode Forward Voltage
IF e 800 mA
10
16
V
IR
Diode Leakage Current
VR e 70V
100
m
A
ICC
Supply Current
All Inputs High
60
85
mA
All Inputs Low
2
4
mA
Switching Characteristics (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Turn On Delay
RL e 60X VL e 30V
226
500
ns
tPLH
Turn Off Delay
RL e 60X VL e 30V
2430
8000
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C temperature range and the 475V to 525V power supply range All typical
values are for TA e 25 C and VCC e 50V
Note 3
All currents into device pins are shown as positive all currents out of device pins are shown as negative all voltages are referenced to ground unless
otherwise specified All values shown as max or min are so classified on absolute value basis
Note 4
All sections of this quad circuit may conduct rated current simultaneously however power dissipation averaged over a short interval of time must fall within
specified continuous dissipation ratings
Note 5
For operation over 25 C free-air temperature derate linearly to 1328 mW
70 C
the rate of 166 mW C
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com