Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMD
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2272AMD Datasheet HTML 2Page - Texas Instruments TLC2272AMD Datasheet HTML 3Page - Texas Instruments TLC2272AMD Datasheet HTML 4Page - Texas Instruments TLC2272AMD Datasheet HTML 5Page - Texas Instruments TLC2272AMD Datasheet HTML 6Page - Texas Instruments TLC2272AMD Datasheet HTML 7Page - Texas Instruments TLC2272AMD Datasheet HTML 8Page - Texas Instruments TLC2272AMD Datasheet HTML 9Page - Texas Instruments TLC2272AMD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
MIN
MAX
UNIT
TA
Operating free-air temperature
C LEVEL PARTS
0
70
°C
I LEVEL PARTS
–40
125
Q LEVEL PARTS
–40
125
M LEVEL PARTS
–55
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA) / θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7 (plastic) or MIL-STD-883 Method 1012 (ceramic).
6.4 Thermal Information
THERMAL METRIC(1)
TLC2272
TLC2274
UNIT
D
(SOIC)
P
(PDIP)
PW
(TSSOP)
FK
(LCCC)
U
(CFP)
D
(SOIC)
N
(PDIP)
PW
(TSSOP)
FK
(LCCC)
J
(CDIP)
8-PIN
8-PIN
8-PIN
20-PIN
10-PIN
14-PIN
14-PIN
14-PIN
20-PIN
14-PIN
RθJA
Junction-to-ambient thermal
resistance (2)(3)
115.6
58.5
175.8
—
—
83.8
—
111.6
—
—
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance (2)(3)
61.8
48.3
58.8
18
121.3
43.2
34
41.2
16
16.2
°C/W
RθJB
Junction-to-board thermal
resistance
55.9
35.6
104.3
—
—
38.4
—
54.7
—
—
°C/W
ψJT
Junction-to-top
characterization parameter
14.3
25.9
5.9
—
—
9.4
—
3.9
—
—
°C/W
ψJB
Junction-to-board
characterization parameter
55.4
35.5
102.6
—
—
38.1
—
53.9
—
—
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
—
—
—
—
8.68
—
—
—
—
—
°C/W
(1)
TA = –55°C to 125°C.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
6.5 TLC2272 and TLC2272A Electrical Characteristics VDD = 5 V
at specified free-air temperature, VDD = 5 V; TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0 V, VDD± = ±2.5 V,
VO = 0 V, RS = 50 Ω
TLC2272
TA = 25°C
300
2500
µV
TLC2272A
300
950
TLC2272
Full Range(1)
3000
TLC2272A
1500
αVIO
Temperature coefficient of
input offset voltage
VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω
2
μV/°C
Input offset voltage long-term drift(2)
VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω
0.002
μV/mo
IIO
Input offset current
VIC = 0 V, VDD± = ±2.5 V,
VO = 0 V, RS = 50 Ω
All level parts
TA = 25°C
0.5
60
pA
C level part
TA = 0°C to 80°C
100
I level part
TA = –40°C to 85°C
150
Q level part
TA = –40°C to 125°C
800
M level part
TA = –55°C to 125°C
800
IIB
Input bias current
VIC = 0 V, VDD± = ±2.5 V,
VO = 0 V, RS = 50 Ω
All level parts
TA = 25°C
1
60
pA
C level part
TA = 0°C to 80°C
100
I level part
TA = –40°C to 85°C
150
Q level part
TA = –40°C to 125°C
800
M level part
TA = –55°C to 125°C
800
VICR
Common-mode input voltage
RS = 50 Ω; |VIO | ≤ 5 mV
TA = 25°C
–0.3
2.5
4
V
Full Range(1)
0
2.5
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com