Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2654IPE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2654IPE4
Description  Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2654IPE4 Datasheet(HTML) 2 Page - Texas Instruments

  TLC2654IPE4 Datasheet HTML 1Page - Texas Instruments TLC2654IPE4 Datasheet HTML 2Page - Texas Instruments TLC2654IPE4 Datasheet HTML 3Page - Texas Instruments TLC2654IPE4 Datasheet HTML 4Page - Texas Instruments TLC2654IPE4 Datasheet HTML 5Page - Texas Instruments TLC2654IPE4 Datasheet HTML 6Page - Texas Instruments TLC2654IPE4 Datasheet HTML 7Page - Texas Instruments TLC2654IPE4 Datasheet HTML 8Page - Texas Instruments TLC2654IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TLC2654, TLC2654A
Advanced LinCMOS
 LOW-NOISE CHOPPER-STABILIZED
OPERATIONAL AMPLIFIERS
SLOS020G – NOVEMBER 1988 – REVISED APRIL 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TLC2654 and TLC2654A common-mode
input voltage range includes the negative rail,
thereby providing superior performance in either
single-supply or split-supply applications, even at
power supply voltage levels as low as
±2.3 V.
Two external capacitors are required to operate
the device; however, the on-chip chopper-control
circuitry is transparent to the user. On devices in
the 14-pin and 20-pin packages, the control
circuitry is accessible, allowing the user the option
of controlling the clock frequency with an external
frequency source. In addition, the clock threshold
of the TLC2554 and TLC2654A requires no level
shifting when used in the single-supply configura-
tion with a normal CMOS or TTL clock input.
Innovative
circuit
techniques
used
on
the
TLC2654 and TLC2654A allow exceptionally fast
overload recovery time. An output clamp pin is
available to reduce the recovery time even further.
The device inputs and outputs are designed to
withstand
– 100-mA
surge
currents
without
sustaining latch-up. In addition, the TLC2654 and TLC2654A incorporate internal ESD-protection circuits that
prevent functional failures at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015; however,
exercise care in handling these devices, as exposure to ESD may result in degradation of the device parametric
performance.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from – 40
°C to 85°C. The Q-suffix devices are characterized for operation from –40°C to 125°C.
The M-suffix devices are characterized for operation over the full military temperature range of – 55
°C to125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
T
VIOmax
8 PIN
14 PIN
20 PIN
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
SMALL
OUTLINE
(D)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
CERAMIC
DIP
(FK)
10
µV
TLC2654AC-8D
—
TLC2654ACP
TLC2654AC-14D
—
TLC2654ACN
—
0
°C to 70°C
10
µV
20 mV
TLC2654AC-8D
TLC2654C 8D
—
TLC2654ACP
TLC2654CP
TLC2654AC-14D
TLC2654C 14D
—
TLC2654ACN
TLC2654CN
—
20 mV
TLC2654C-8D
—
TLC2654CP
TLC2654C-14D
—
TLC2654CN
—
10
µV
TLC2654AI-8D
—
TLC2654AIP
TLC2654AI-14D
—
TLC2654AIN
—
– 40
°C to 85°C
10
µV
20
µV
TLC2654AI-8D
TLC2654I 8D
—
TLC2654AIP
TLC2654IP
TLC2654AI-14D
TLC2654I 14D
—
TLC2654AIN
TLC2654IN
—
20
µV
TLC2654I-8D
—
TLC2654IP
TLC2654I-14D
—
TLC2654IN
—
10
µV
TLC2654AQ-8D
—
—
—
—
—
—
– 40
°C to 125°C
10
µV
20
µV
TLC2654AQ-8D
TLC2654Q 8D
—
—
—
—
—
—
20
µV
TLC2654Q-8D
—
—
—
—
—
—
10
µV
TLC2654AM-8D
TLC2654AMJG
TLC2654AMP
TLC2654AM-14D
TLC2654AMJ
TLC2654AMN
TLC2654AMFK
– 55
°C to 125°C
10
µV
20
µV
TLC2654AM-8D
TLC2654M 8D
TLC2654AMJG
TLC2654MJG
TLC2654AMP
TLC2654MP
TLC2654AM-14D
TLC2654M 14D
TLC2654AMJ
TLC2654MJ
TLC2654AMN
TLC2654MN
TLC2654AMFK
TLC2654MFK
20
µV
TLC2654M-8D
TLC2654MJG
TLC2654MP
TLC2654M-14D
TLC2654MJ
TLC2654MN
TLC2654MFK
The 8-pin and 14-pin D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2654AC-8DR).
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
1 k
100
10
1
10
100
f – Frequency – Hz
1 k
10 k
Typical 250-Hz
Chopper-Stabilized
Operational Amplifier
TLC2654
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com