Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3702CPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3702CPWR
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3702CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC3702CPWR Datasheet HTML 9Page - Texas Instruments TLC3702CPWR Datasheet HTML 10Page - Texas Instruments TLC3702CPWR Datasheet HTML 11Page - Texas Instruments TLC3702CPWR Datasheet HTML 12Page - Texas Instruments TLC3702CPWR Datasheet HTML 13Page - Texas Instruments TLC3702CPWR Datasheet HTML 14Page - Texas Instruments TLC3702CPWR Datasheet HTML 15Page - Texas Instruments TLC3702CPWR Datasheet HTML 16Page - Texas Instruments TLC3702CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
8
IIB
Input bias current
vs Free-air temperature
9
CMRR
Common-mode rejection ratio
vs Free-air temperature
10
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
11
V
High level output current
vs Free-air temperature
12
VOH
High-level output current
vs Free air temperature
vs High-level output current
12
13
V
Low level output voltage
vs Low-level output current
14
VOL
Low-level output voltage
vs Low level output current
vs Free-air temperature
14
15
tt
Transition time
vs Load capacitance
16
Supply current response
vs Time
17
Low-to-high-level output response
Low-to-high level output propagation delay time
18
High-to-low level output response
High-to-low level output propagation delay time
19
tPLH
Low-to-high level output propagation delay time
vs Supply voltage
20
tPHL
High-to-low level output propagation delay time
vs Supply voltage
21
vs Frequency
22
IDD
Supply current
vs Frequency
vs Supply voltage
22
23
IDD
Supply current
vs Supply voltage
vs Free-air temperature
23
24
Figure 8
VDD = 5 V
VIC = 2.5 V
TA = 25° C
−5 −4 −3
−2 −10
1
2
3
4
5
VIO − Input Offset Voltage − mV
DISTRIBUTION OF INPUT
OFFSET VOLTAGE
200
180
160
140
120
100
80
60
40
20
0
698 Units Tested
From 4 Wafer Lots
Figure 9
TA − Free-Air Temperature − °C
25
50
75
100
125
10
1
0.1
0.01
0.001
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 5 V
VIC = 2.5 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com