Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805USB-421ML_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0805USB-421ML_
Description  USB 2.0 Common Mode Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805USB-421ML_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  0805USB-421ML_ Datasheet HTML 1Page - Coilcraft lnc. 0805USB-421ML_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB2.0CommonModeFilter—0805
Document 306-2
Document 306-2 Revised 04/03/13
1000
10000
100
10
1
Frequency (MHz)
110
100
1000
10,000
-902
-672
-262
-901
-421
-172
-502
-372
Typical Impedance vs Frequency
5
0
10
15
20
25
30
35
40
110
100
1000
10,000
Frequency (MHz)
-902
-672
-262
-901
-421
-172
-502
-372
Typical Common Mode Attenuation (Ref: 50 Ohms)
1
0
2
3
4
5
6
7
8
110
100
1000
10,000
Frequency (MHz)
-902
-672
-262
-901
-421
-172
-502
-372
Typical Differential Mode Attenuation (Ref: 50 Ohms)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com