Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST111137 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST111137
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST111137 Datasheet(HTML) 1 Page - E-SWITCH

  ST111137 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP1T8B13M7REH
2:1
5/23/2016
ST111137
A
MJR
1
1
A
22314
NEW RELEASE
5/23/16
MJR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 VA @ 20 VAC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. CONTACT RESISTANCE: 10 m
MAX. @ 2-4VDC
8. INSULATION RESISTANCE: 1,000 M
MIN.
9. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30 C to 85 C
11.
DENOTES CRITICAL PARAMETER.
12. HARDWARE TO BE SHIPPED BULK
T100004 - HEXNUT - QTY 2
T100012 - LOCKWASHER - QTY 1
T100003 - LOCKRING - QTY 1
13. 2011/65/EU (ROHS) COMPLIANT
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
OPEN
2-1
2
1
3
CIRCUIT: SPDT
8.89
[.350 in]
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
6.86
[.270 in]
12.70
[.500 in]
EPOXY SEAL
18.0
[.71 in]
15/32-32 UNS-2A
THREADS
1.65
[.065 in]
.79
[.031 in]
KEYWAY
11.38
[.448 in]
3.17
[.125 in]
13.20
[.520 in]
3.17
[.125 in]
.76
[.030 in]
25
POS. 1
POS. 3
1.27
[.050 in]
.51
[.020 in]
1.22
[.048 in]
5.08
[.200 in]
RECOMMENDED P.C.B. LAYOUT
5.08
[.200 in]
13.20
[.520 in]
1.85
[.073 in]
3.81
[.150 in]
6.09
[.240 in]


Similar Part No. - ST111137

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST111130 E-SWITCH-ST111130 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST111131 E-SWITCH-ST111131 Datasheet
68Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST111132 E-SWITCH-ST111132 Datasheet
116Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST111133 E-SWITCH-ST111133 Datasheet
114Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST111136 E-SWITCH-ST111136 Datasheet
115Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST111137

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com