Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS512G Datasheet(PDF) 4 Page - International Rectifier

Part # IPS512G
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS512G Datasheet(HTML) 4 Page - International Rectifier

  IPS512G Datasheet HTML 1Page - International Rectifier IPS512G Datasheet HTML 2Page - International Rectifier IPS512G Datasheet HTML 3Page - International Rectifier IPS512G Datasheet HTML 4Page - International Rectifier IPS512G Datasheet HTML 5Page - International Rectifier IPS512G Datasheet HTML 6Page - International Rectifier IPS512G Datasheet HTML 7Page - International Rectifier IPS512G Datasheet HTML 8Page - International Rectifier IPS512G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IPS511G/IPS512G
4
www.irf.com
Lead Assignments
Part Number
8 Lead SOIC
IPS511G
IPS512G
1
GND IN
DG OUT
Vcc Vcc Vcc Vcc
16 Lead SOIC
1
In1 Gnd1 Vcc Vcc Vcc Vcc Out2 Dg2
Dg1 Out1 Vcc Vcc Vcc Vcc Gnd2 In2
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Ilim
Internal current limit
357
A
Vout = 0V
Tsd+
Over-temp. positive going threshold
—
165
—
oC
See fig. 2
Tsd-
Over-temp. negative going threshold
—
158
—
oC
See fig. 2
Vsc
Short-circuit detection voltage (3)
2
3
4
V
See fig. 2
Vopen load Open load detection threshold
2
3
4
V
Protection Characteristics
(3) Referenced to Vcc
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 5.6Ω, Tj = 25
oC, (unless otherwise specified).
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Tdon
Turn-on delay time
—
7
50
Tr1
Rise time to Vout = Vcc - 5V
—
10
50
Tr2
Rise time from the end of TR1 to
Vout = 90% of Vcc
—
45
95
dV/dt (on) Turn ON dV/dt
—
1.3
4
V/
µs
Eon
Turn ON energy
—
400
—
µJ
Tdoff
Turn-off delay time
—
15
50
Tf
Fall time to Vout = 10% of Vcc
—
10
50
dV/dt (off) Turn OFF dV/dt
—
2
6
V/
µs
Eoff
Turn OFF energy
—
80
—
µJ
Tdiag
Vout to Vdiag propagation delay
—
5
15
µs
See figure 3
µs
µs
See figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com