Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603USB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603USB
Description  USB 3.0 Common Mode Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603USB Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603USB Datasheet HTML 1Page - Coilcraft lnc. 0603USB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
USB 3.0 Common Mode Choke 0603
Document 406-1
Document 406-1 Revised 07/20/10
Common mode
Common mode
impedance typ (Ohms)
attenuation typ (dB)
Inductance2 DCR max3 Isolation Irms4
Part number1
100 MHz 500 MHz
1 GHz
100 MHz 500 MHz
1 GHz
min (nH)
(Ohms)
(Vrms)
(mA)
0603USB-251ML_
25
44
64
1.31
3.16
8.45
18
0.077
250
500
0603USB-601ML_
60
99
142
3.00
6.88
13.27
37
0.109
250
500
0603USB-951ML_
95
156
234
4.62
9.75
16.06
63
0.142
250
500
0603USB-142ML_
145
242
353
6.85
12.80
18.16
98
0.174
250
500
0603USB-222ML_
225
384
592
9.14
16.53
20.29
150
0.209
250
500
1. When ordering, please specify
packaging code:
0603USB-222MLC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (7500 parts per full reel).
2. Inductance measured at 100 MHz using an Agilent/HP 4286A imped-
ance analyzer and a Coilcraft SMD-A fixture.
3. DCR is specified per winding.
4. Current per winding that causes a 20°C rise from 25°C ambient.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
0.042
1,07
±0.004
±0,10
0.030
0,76
±0.003
±0,076
0.010
0,25
0.023
0,58
0.034
0,86
0.030
0,73
0.013
0,33
0.012
0,30
0.010
0,25
0.004
0,10
Recommended
Land Pattern
0.060 ±0.003
1,52 ±0,076
1
1
2
2
4
4
3
3
3
4
2
1
Designer’s Kit C384 contains 10 of each value and all values of our
1206USB and 0805USB
Core material Ferrite
Environmental RoHS compliant, halogen free
Terminations Gold over nickel over silver-palladium-glass frit
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+105°C with derated current
Storage temperature Component: –40°C to +105°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
• Designed for high-speed USB 3.0, HDMI, SATA, IEEE1394 and
LVDS applications; data rates up to 4.8 Gbit/s.
• Miniature EIA 0603 footprint; only 1.07 mm tall
• Most values provide >15 dB common mode attenuation and
>100 ohms impedance.
Dimensions are in
inches
mm
Weight 4.9 – 5.2 mg
Packaging 2000 per 7
″reel; 7500 per 13″ reel; Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.14 mm pocket depth


Similar Part No. - 0603USB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603USB-142ML COILCRAFT-0603USB-142ML Datasheet
224Kb / 2P
Common Mode Choke
0603USB-222ML COILCRAFT-0603USB-222ML Datasheet
224Kb / 2P
Common Mode Choke
0603USB-251ML COILCRAFT-0603USB-251ML Datasheet
224Kb / 2P
Common Mode Choke
0603USB-601ML COILCRAFT-0603USB-601ML Datasheet
224Kb / 2P
Common Mode Choke
0603USB-951ML COILCRAFT-0603USB-951ML Datasheet
224Kb / 2P
Common Mode Choke
More results

Similar Description - 0603USB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805 COILCRAFT-0805 Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
1206 COILCRAFT-1206 Datasheet
231Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM05-600M-RC ALLIED-SCM05-600M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM10-300M-RC ALLIED-SCM10-300M-RC_11 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM20-900M-RC ALLIED-SCM20-900M-RC_11 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
1206USB-113MLC COILCRAFT-1206USB-113MLC Datasheet
144Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM05 ALLIED-SCM05 Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM10 ALLIED-SCM10 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM20 ALLIED-SCM20 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
0805USB COILCRAFT-0805USB Datasheet
386Kb / 2P
USB 2.0 Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com