Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3662 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3662
Description  Quad High Speed Trapezoidal??Bus Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3662 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3662 Datasheet HTML 1Page - National Semiconductor (TI) DS3662 Datasheet HTML 2Page - National Semiconductor (TI) DS3662 Datasheet HTML 3Page - National Semiconductor (TI) DS3662 Datasheet HTML 4Page - National Semiconductor (TI) DS3662 Datasheet HTML 5Page - National Semiconductor (TI) DS3662 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
7V
Input and Output Voltage
5.5V
Storage Temperature Range
−65˚C to +150˚C
Maximum Power Dissipation (Note 1) at 25˚C
Cavity Package
1509 mW
Molded Package
1476 mW
Lead Temperature (Soldering, 4 sec.)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.75
5.25
V
Temperature Range (T
A)
0
70
˚C
Note 1:
Derate cavity package 10.1 mW/˚C above 25˚C; derate molded
package 11.8 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER AND DISABLE INPUTS
V
IH
Logical “1” Input Voltage
2.0
V
V
IL
Logical “0” Input Voltage
0.8
V
I
I
Logical “1” Input Current
V
IN = 5.5V
1
mA
I
IH
Logical “1” Input Current
V
IN = 2.4V
40
µA
I
IL
Logical “0” Input Current
V
IN = 0.4V
−1
−1.6
mA
V
CL
Input Diode Clamp Voltage
I
CLAMP = −12 mA
−0.8
−1.5
V
DRIVER OUTPUT/RECEIVER INPUT
V
OLB
Low Level Bus Voltage
V
DIS = 0.8V, VIN = 2V, IBUS = 100 mA
0.6
0.9
V
I
IHB
Maximum Bus Current
V
IN = 0.8V, VBUS = 4V, VCC = 5.25V
10
100
µA
I
ILB
Maximum Bus Current
V
IN = 0.8V, VBUS = 4V, VCC = 0V
100
µA
V
IH
High Level Receiver Threshold
V
IN = 0.8V, VOL = 16 mA
1.90
1.70
V
V
IL
Low Level Receiver Threshold
V
IN = 0.8V, IOH = −400 µA
1.70
1.50
V
RECEIVER OUTPUT
V
OH
Logical “1” Output Voltage
V
IN = 0.8V, VBUS = 0.5V, IOH = −400 µA
2.4
3.2
V
V
OL
Logical “0” Output Voltage
V
IN = 0.8V, VBUS = 4V, IOL = 16 mA
0.35
0.5
V
I
OS
Output Short Circuit Current
V
DIS = 0.8V, VIN = 0.8V, VBUS = 0.5V,
−40
−70
−100
mA
V
OS = 0V, VCC = 5.25V, (Note 5)
I
CC
Supply Current
V
DIS = 0V, VIN = 2V
50
90
mA
Switching Characteristics (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PROPAGATION DELAYS
t
PLHD
Disable to Bus “1”
Figure 1
25
35
ns
t
PHLD
Disable to Bus “0”
25
35
ns
t
PLHB
Driver Input to Bus “1”
Figure 2
20
30
ns
t
PHLB
Driver Input to Bus “0”
20
30
ns
t
PLHR
Bus to Logical “1” Receiver Output
Figure 3
25
40
ns
t
PHLR
Bus to Logical “0” Receiver Output
25
40
ns
NOISE IMMUNITY
t
rB,tfB
Rise and Fall Times (10%–90%)
Figure 2
10
15
20
ns
of the Driver Output
t
nR
Receiver Noise Rejection
No Response at Receiver
20
10
ns
Pulse Width
Output as per
Figure 4
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” and “Recommended Operating Conditions” provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the supply and temperature range listed in the table of “Recommended Operating Conditions”. All
typical values are for TA = 25˚C and VCC = 5V.
Note 4: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com