Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3950SL/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950SL/NOPB
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950SL/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3950SL/NOPB Datasheet HTML 14Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 15Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 16Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 17Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 18Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 19Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 20Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 21Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
1111
0110
1100
R1
G1
B1
Combined PWM cycle
1
1
3
2
2
3
/6.7 kHz
150 Ps
Blinking period
ON[3:0]
OFF[3:0]
SLOPE[3:0]
SLOPE[3:0]
DUTY[3:0]
Duty increases
Duty decreases
Duty constant
LED
brightness
PWM
current
pulses
LP3950
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
RGB LED Pattern Generator
The LP3950 RGB outputs can be controlled either with audio synchronization or with RGB pattern generator.
The pattern generator of LP3950 drives three independently controlled LED outputs (for example, R1, G1 and
B1). The functionality is similar compared to RGB functionality of LP3936 and LP3933.
The output of RGB pattern generator can be selected to drive RGB1 (R1-G1-B1), RGB2 (R2-G2-B2) or RGB1
and RGB2 (R1&R2 – G1&G2 – B1&B2) outputs.
Programmable Pattern Mode
User has control over the following parameters separately for each LED:
ON and OFF (start and stop time in blinking cycle)
DUTY (PWM brightness control)
SLOPE (dimming slope)
ENABLE (output enable control)
The main blinking cycle is controlled with three-bit CYCLE control (0.25 / 0.5 / 1.0 / 2.0 / 4.0s).
Figure 21. RGB PWM Operating Principle
RGB_START is the master control for the whole RGB function. The internal PWM and blinking control can be
disabled by setting the RGB_PWM control LOW. In this case the individual enable controls can be used to switch
outputs on and off. PWM_EN input can be used for external hardware PWM control.
In the normal PWM mode the R, G and B switches are controlled in 3 phases (one phase per driver). During
each phase the peak current set by an external ballast resistor is driven through the LED for the time defined by
DUTY setting (0 µs to 50 µs). As a time averaged current this means 0% to 33% of the peak current. The PWM
period is 150 µs and the pulse frequency is 6.67 kHz in normal mode.
Figure 22. Normal Mode PWM Waveforms at Different Duty Settings
In the FLASH mode all the outputs are controlled in one phase and the PWM period is 50 µs. The time averaged
FLASH mode current is three times the normal mode current at the same DUTY value.
18
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com