Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3958 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3958 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3958 Datasheet HTML 9Page - Texas Instruments LP3958 Datasheet HTML 10Page - Texas Instruments LP3958 Datasheet HTML 11Page - Texas Instruments LP3958 Datasheet HTML 12Page - Texas Instruments LP3958 Datasheet HTML 13Page - Texas Instruments LP3958 Datasheet HTML 14Page - Texas Instruments LP3958 Datasheet HTML 15Page - Texas Instruments LP3958 Datasheet HTML 16Page - Texas Instruments LP3958 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LP3958
www.ti.com
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
Vin = 3.6V, Vout = 18.0V if not otherwise stated
Functionality of Keypad LED Outputs (KEY1, KEY2, KEY3)
LP3958 has three individual keypad LED output pins. Output pins can be used in switch mode or constant
current mode. Output mode can be selected with the control register (address 00H) bit CC_SW. If the bit is set
high, then keypad LED outputs are in switch mode, otherwise in constant current mode. These modes are
described later in separate chapters.
Keypad LED output control can be done in three ways:
1. Defining the expected balance and brightness in Keypad register (address 01H)
2. Direct setting each LED ON/OFF via Keypad control register (address 00H)
3. External PWM control
BRIGHTNESS CONTROL WITH KEYPAD REGISTER
If the keypad LED output is used by defining the balance and brightness in the Keypad register, then one needs
to set EN_KEYP bit high and KEYP_PWM bit high in the Control register (address 00H). K1SW, K2SW and
K3SW are used to enable each LED output, enabled when written high. CC_SW defines the LED output mode. A
single register is used for defining the balance and brightness for keypad LED output:
KEYPAD REGISTER (01H)
Name
Bit
Description
BALANCE[2:0]
6:4
Balance of KEY1, KEY2 and KEY3 outputs
BRIGHT[2:0]
3:1
Brightness control
OVL
0
Overlapping mode selection:
0 = non-overlapping mode
1 = overlapping mode
Brightness control is logarithmic and is programmed as follows:
Table 2.
Bright[2:0]
Brightness [%]
Ratio to max
brightness
000
0
0
001
1.56
1/64
010
3.12
1/32
011
6.25
1/16
100
12.5
1/8
101
25
1/4
110
50
1/2
111
100
1/1
The LED balance can be selected as follows. This is valid only in non-overlapping mode.
Table 3.
Balance
KEY1
KEY2
KEY3
[2:0]
active [%]
active [%]
active [%]
000
100
0
0
001
0
100
0
010
0
0
100
011
50
50
0
100
0
50
50
101
50
0
50
110
33
33
33
111
50
25
25
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com