Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3987 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3987
Description  Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3987 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3987 Datasheet HTML 10Page - Texas Instruments LP3987 Datasheet HTML 11Page - Texas Instruments LP3987 Datasheet HTML 12Page - Texas Instruments LP3987 Datasheet HTML 13Page - Texas Instruments LP3987 Datasheet HTML 14Page - Texas Instruments LP3987 Datasheet HTML 15Page - Texas Instruments LP3987 Datasheet HTML 16Page - Texas Instruments LP3987 Datasheet HTML 17Page - Texas Instruments LP3987 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
LP3987
SNVS164G – OCTOBER 2001 – REVISED MAY 2013
www.ti.com
ON/OFF INPUT OPERATION
The LP3987 is turned off by pulling the VEN pin low, and turned on by pulling it high. If this feature is not used,
the VEN pin should be tied to VIN to keep the regulator output on at all time. To assure proper operation, the
signal source used to drive the VEN input must be able to swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section under VIL and VIH.
MODE OPERATION
The LP3987 enters sleep mode by pulling MODE = 0V externally to reduce current during standby operation.
During sleep mode, LP3987 consumes only 14µA of quiescent current and supplies up to 3mA of current. The
device returns to active mode by pulling MODE = 1.8V. If this function is not used, the MODE pin should be tied
to VIN.
THERMAL PROTECTION
The LP3987 has internal thermal protection circuitry to disable the internal pass transistor if the junction
temperature exceeds 125°C to allow the device to cool down. The pass transistor will turn on when temperature
falls below the maximum operating junction temperature of 125°C. This feature is designed to protect the device
in the event of fault conditions. For normal operation, it is suggested to limit the device junction temperature to
less than 125°C.
DSBGA MOUNTING
The DSBGA package requires specific mounting techniques which are detailed in Texas Instruments AN-1112
Application Report (SNOA401). Referring to the section PCB Layout, note that the pad style which must be used
with the 5 pin package is NSMD (non-solder mask defined) type.
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.
DSBGA LIGHT SENSITIVITY
Exposing the DSBGA device to direct sunlight will cause misoperation of the device. Light sources such as
Halogen lamps can effect electrical performance if brought near to the device. The wavelengths which have most
detrimental effect are reds and infra-reds, which means that the fluorescent lighting used inside most buildings
has very little effect on performance. A DSBGA test board was brought to within 1cm of a fluorescent desk lamp
and the effect on the regulated output voltage was negligible, showing a deviation of less than 0.1% from
nominal.
14
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3987



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com