Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3988IMF-2.5/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988IMF-2.5/NOPB
Description  Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988IMF-2.5/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3988IMF-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LP3988IMF-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LP3988IMF-2.5/NOPB Datasheet HTML 11Page - Texas Instruments LP3988IMF-2.5/NOPB Datasheet HTML 12Page - Texas Instruments LP3988IMF-2.5/NOPB Datasheet HTML 13Page - Texas Instruments LP3988IMF-2.5/NOPB Datasheet HTML 14Page - Texas Instruments LP3988IMF-2.5/NOPB Datasheet HTML 15Page - Texas Instruments LP3988IMF-2.5/NOPB Datasheet HTML 16Page - Texas Instruments LP3988IMF-2.5/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LP3988
www.ti.com
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
NOTE
Tantalum capacitors can suffer catastrophic failures due to surge current when connected
to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum
capacitor is used at the input, it must be ensured by the manufacturer to have a surge
current rating sufficient for the application.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance is at least 1
μF over the entire operating temperature range.
9.2.2.3 Output Capacitors
The LP3988 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor
(dielectric types Z5U, Y5V or X7R) in 1-
μF to 22-μF range with 5-mΩ to 500-mΩ ESR range is suitable in the
LP3988 application circuit.
It may also be possible to use tantalum or film capacitors at the output, but these are not as attractive for
reasons of size and cost (see Capacitor Characteristics).
The output capacitor must meet the requirement for minimum amount of capacitance and also have an ESR
value which is within a stable range (5 m
Ω to 500 mΩ).
9.2.2.4 No-Load Stability
The LP3988 remains stable and in regulation with no external load. This is specially important in CMOS RAM
keep-alive applications.
9.2.2.5 Capacitor Characteristics
The LP3988 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer: for capacitance values in the range of 1
μF to 4.7 μF range, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values (which makes them best for eliminating high frequency noise). The
ESR of a typical 1-
μF ceramic capacitor is in the range of 20 mΩ to 40 mΩ, which easily meets the ESR
requirement for stability by the LP3988.
Capacitance of the ceramic capacitor can vary with temperature. Most large-value ceramic capacitors (around
2.2
μF) are manufactured with Z5U or Y5V temperature characteristics, which results in the capacitance dropping
by more than 50% as the temperature goes from 25°C to 85°C. A better choice for temperature coefficient in a
ceramic capacitor is X7R, which holds the capacitance within ±15%.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1-
μF to 4.7-μF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly ) than a ceramic
capacitor with the same ESR value. The ESR of a typical tantalum increases about 2:1 as the temperature goes
from 25°C down to
−40°C, so some guard band must be allowed.
9.2.2.6 Power Dissipation
Knowing the device power dissipation and proper sizing of the thermal plane connected to the tab or pad is
critical to ensuring reliable operation. Device power dissipation depends on input voltage, output voltage, and
load conditions and can be calculated with Equation 1.
PD(MAX) = (VIN(MAX) – VOUT) × IOUT(MAX)
(1)
Power dissipation can be minimized, and greater efficiency can be achieved, by using the lowest available
voltage drop option that would still be greater than the dropout voltage (VDO). However, keep in mind that higher
voltage drops result in better dynamic (that is, PSRR and transient) performance.
On the DSBGA (YKA) package, the primary conduction path for heat is through the four bumps to the PCB.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com