Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3995 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3995
Description  Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3995 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3995 Datasheet HTML 9Page - Texas Instruments LP3995 Datasheet HTML 10Page - Texas Instruments LP3995 Datasheet HTML 11Page - Texas Instruments LP3995 Datasheet HTML 12Page - Texas Instruments LP3995 Datasheet HTML 13Page - Texas Instruments LP3995 Datasheet HTML 14Page - Texas Instruments LP3995 Datasheet HTML 15Page - Texas Instruments LP3995 Datasheet HTML 16Page - Texas Instruments LP3995 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
OUT
IN
EN
6
2
3
4
BYPASS
1
10 nF
1 µF
1 µF
Input
Enable
GND
LP3995
Load
CIN
CBP
COUT
(C3)
(A1)
(B2)
(A3)
(C1)
LP3995
www.ti.com
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP3995 can provide 150-mA output current with 2.5-V to 6-V input. It is stable with a 1-
μF ceramic output
capacitor. An optional external bypass capacitor reduces the output noise without slowing down the load
transient response. Typical output noise is 25
μVRMS at frequencies from 10 Hz to 100 kHz. Typical power supply
rejection is 60 dB at 1 kHz.
9.2 Typical Application
Figure 18. LP3995 Typical Application
9.2.1 Design Requirements
For typical CMOS voltage regulator applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.5 V
Minimum output voltage
1.8 V
Output current
150 mA
9.2.2 Detailed Design Procedure
9.2.2.1 External Capacitors
In common with most regulators, the LP3995 requires external capacitors to ensure stable operation. The
LP3995 is specifically designed for portable applications requiring minimum board space and smallest
components. These capacitors must be correctly selected for good performance.
9.2.2.2 Input Capacitor
An input capacitor is required for stability. It is recommended that a 1-µF capacitor be connected between the
LP3995 IN pin and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the IN pin and returned to a clean
analogue ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com