Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV513K7-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV513K7-G
Description  8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV513K7-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV513K7-G Datasheet HTML 1Page - Supertex, Inc HV513K7-G Datasheet HTML 2Page - Supertex, Inc HV513K7-G Datasheet HTML 3Page - Supertex, Inc HV513K7-G Datasheet HTML 4Page - Supertex, Inc HV513K7-G Datasheet HTML 5Page - Supertex, Inc HV513K7-G Datasheet HTML 6Page - Supertex, Inc HV513K7-G Datasheet HTML 7Page - Supertex, Inc HV513K7-G Datasheet HTML 8Page - Supertex, Inc HV513K7-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV513
C072413
HV513
Absolute Maximum Ratings
Parameter
Value
Logic supply, V
DD
-0.5V to 6.0V
High voltage supply, V
PP
V
DD to 275V
Logic input levels
-0.5V to V
DD +0.5V
Ground current1
0.3A
High voltage supply current1
0.25A
Continuous total power dissipation2
750mW
Operating junction temperature
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to device ground.
Notes:
1. Connection to all power and ground pads is required. Duty cycle is limited
by the total power dissipated in the package.
2. For operation above 25°C ambient derate linearly to 85°C at 12mW/°C.
Pin Configuration
Typical Operating Conditions
Sym
Parameter
Min
Typ Max Units Conditions
V
DD
Logic supply voltage
4.5
5.0
5.5
V
---
V
PP
High voltage supply
50
-
250
V
Note 1
V
IH
High-level input voltage
V
DD -0.9
-
V
DD
V
---
V
IL
Low-level input voltage
0
-
0.9
V
---
T
J
Operating junction temperature
-40
-
+85
°C
---
Notes:
1. Below minimum V
PP the output may not switch.
2. Power-up sequence should be the following:
1. Connect ground
2. Apply V
DD
3. Set all inputs (Data, CLK, Enable, etc.) to a known state
4. Apply V
PP
Power-down sequence should be the reverse of the above
Product Marking
32-Lead QFN
1
32
1
24
32-Lead QFN
(top view)
24-Lead SOW
(top view)
24-Lead SOW
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
L = Lot Number
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV513WG
LLLLLLLLLL
CCCCCCCCCCC
HV513
LLLLLL
YYWW
AAACCC
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Typical Thermal Resistance
Package
θ
ja
32-Lead QFN
22OC/W
24-Lead SOW
44OC/W
Ordering Information
Part Number
Package
Packing
HV513K7-G
32-Lead QFN
400/Tray
HV513K7-G M935
32-Lead QFN
2000/Reel
HV513WG-G
24-Lead SOW
1000/Reel
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com