Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3669 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3669
Description  Quad High Current Peripheral Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3669 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3669 Datasheet HTML 1Page - National Semiconductor (TI) DS3669 Datasheet HTML 2Page - National Semiconductor (TI) DS3669 Datasheet HTML 3Page - National Semiconductor (TI) DS3669 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5820
July 1992
DS3669 Quad High Current Peripheral Driver
General Description
The DS3669 is a non-inverting quad peripheral driver similar
to the DS3658 These drivers are designed for those appli-
cations where low operating power high breakdown volt-
age high output current and low output ON voltage are re-
quired A unique input circuit combines TTL compatibility
with high impedance In fact its extreme low input current
allows it to be driven directly by a CMOS device
The outputs are capable of sinking 600 mA each and offer a
70V breakdown However for inductive loads the output
should be clamped to 35V or less to avoid latch-up during
turn off (inductive fly back protectionrefer AN-213) An on-
chip clamp diode capable of handling 800 mA is provided at
each output for this purpose In addition the DS3669 incor-
porates circuitry that guarantees glitch-free power up or
down operation
The molded package is specifically constructed to allow in-
creased power dissipation over conventional packages The
four ground pins are directly connected to the device chip
with a special copper lead frame When the quad driver is
soldered into a PC board the power rating of the device
improves significantly
Applications
Y
Relay drivers
Y
Lamp drivers
Y
Solenoid drivers
Y
Hammer drivers
Y
Stepping motor drivers
Y
Triac drivers
Y
LED drivers
Y
High current high voltage drivers
Y
Level translators
Y
Fiber optic LED drivers
Features
Y
Single saturated transistor outputs
Y
Low standby power 10 mW typical
Y
High impedance TTL compatible inputs
Y
Outputs may be tied together for increased current
capacity
Y
High output current
600 mA per output
24A per package
Y
No output latch-up at 35V
Y
Low output ON voltage (350 mV typ
600 mA)
Y
High breakdown voltage (70V)
Y
Open collector outputs
Y
Output clamp diodes for inductive fly back protection
Y
NPN inputs for minimal input currents (1 mA typical)
Y
Low operating power
Y
Standard 5V power supply
Y
Power updown protection
Y
2W power package
Connection Diagram
Dual-In-Line Package
TLF5820 – 1
Top View
Order Number DS3669N
See NS Package Number N16E
Truth Table
IN
EN
OUT
LH
L
HH
Z
LL
Z
HL
Z
HeHigh state
LeLow state
ZeHigh impedance state
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS3669

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3662 NSC-DS3662 Datasheet
163Kb / 6P
Quad High Speed Trapezoidal??Bus Transceiver
DS3662J NSC-DS3662J Datasheet
163Kb / 6P
Quad High Speed Trapezoidal??Bus Transceiver
DS3662N NSC-DS3662N Datasheet
163Kb / 6P
Quad High Speed Trapezoidal??Bus Transceiver
DS3662WM NSC-DS3662WM Datasheet
163Kb / 6P
Quad High Speed Trapezoidal??Bus Transceiver
DS3667 NSC-DS3667 Datasheet
120Kb / 6P
TRI-STATE Bidirectional Transceiver
More results

Similar Description - DS3669

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3658 NSC-DS3658 Datasheet
99Kb / 4P
Quad High Current Peripheral Driver
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
2944 ALLEGRO-2944 Datasheet
195Kb / 8P
QUAD HIGH-CURRENT, HIGH-VOLTAGE SOURCE DRIVER
logo
National Semiconductor ...
DS3656 NSC-DS3656 Datasheet
86Kb / 4P
DS3656 Quad Peripheral Driver
logo
Texas Instruments
SN75460 TI-SN75460 Datasheet
557Kb / 10P
PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
List of Unclassifed Man...
D469A ETC1-D469A Datasheet
338Kb / 4P
Quad High-Current Power Driver
logo
Linear Technology
LT3476 LINER-LT3476 Datasheet
189Kb / 12P
High Current Quad Output LED Driver
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
logo
Linear Technology
LT3476 LINER-LT3476_15 Datasheet
244Kb / 14P
High Current Quad Output LED Driver
logo
Texas Instruments
DS3658 TI1-DS3658_14 Datasheet
223Kb / 9P
Quad High Current Peripheral Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com