Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5521TMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5521TMX/NOPB
Description  LP5521 Programmable Three-Channel LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5521TMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5521TMX/NOPB Datasheet HTML 4Page - Texas Instruments LP5521TMX/NOPB Datasheet HTML 5Page - Texas Instruments LP5521TMX/NOPB Datasheet HTML 6Page - Texas Instruments LP5521TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP5521TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP5521TMX/NOPB Datasheet HTML 9Page - Texas Instruments LP5521TMX/NOPB Datasheet HTML 10Page - Texas Instruments LP5521TMX/NOPB Datasheet HTML 11Page - Texas Instruments LP5521TMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
LP5521
SNVS441H – JANUARY 2007 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Logic Interface Characteristics (continued)
(V(EN) = 1.65 V...VDD, and limits apply through ambient temperature range –30°C < TA < +85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUT SCL, SDA, TRIG, CLK_32K
VIL
Input low level
0.2 × V(EN)
V
VIH
Input high level
0.8 × V(EN)
V
II
Input current
–1
1
µA
ƒCLK_32K
Clock frequency
TJ = 25°C
32
kHz
ƒSCL
Clock frequency
400
kHz
LOGIC OUTPUT SDA, TRIG, INT
IOUT = 3 mA (pullup current),
TJ = 25°C
0.3
VOL
Output low level
IOUT = 3 mA (pull-up current)
0.5
V
IL
Output leakage current
1
µA
LOGIC INPUT ADDR_SEL0, ADDR_SEL1
VIL
Input low level
0.2 × VDD
V
VIH
Input high level
0.8 × VDD
V
II
Input current
–1
1
µA
LOGIC OUTPUT GPO, INT (IN GPO STATE)
IOUT = 3 mA, TJ = 25°C
0.3
VOL
Output low level
IOUT = 3 mA
0.5
V
TJ = 25°C
VDD – 0.3
VOH
Output high level
IOUT = –2 mA
VDD – 0.5
V
IL
Output leakage current
1
µA
(1)
Verified by design.
6.9 I
2C Timing Requirements (SDA, SCL)
Limits are for TJ = 25°C
(1)
MIN
MAX
UNIT
ƒSCL
Clock frequency
400
kHz
1
Hold time (repeated) START condition
0.6
µs
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Setup time for a repeated START condition
600
ns
5
Data hold time
50
ns
6
Data set-up time
100
ns
7
Rise time of SDA and SCL
20+0.1Cb
300
ns
8
Fall time of SDA and SCL
15+0.1Cb
300
ns
9
Set-up time for STOP condition
600
ns
10
Bus-free time between a STOP and a START condition
1.3
µs
Cb
Capacitive load for each bus line
10
200
pF
Figure 1. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com