Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV511 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LPV511
Description  Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV511 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPV511 Datasheet HTML 6Page - Texas Instruments LPV511 Datasheet HTML 7Page - Texas Instruments LPV511 Datasheet HTML 8Page - Texas Instruments LPV511 Datasheet HTML 9Page - Texas Instruments LPV511 Datasheet HTML 10Page - Texas Instruments LPV511 Datasheet HTML 11Page - Texas Instruments LPV511 Datasheet HTML 12Page - Texas Instruments LPV511 Datasheet HTML 13Page - Texas Instruments LPV511 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
200 Ps/DIV
OUTPUT
INPUT
V
+
= 5V
200 Ps/DIV
OUTPUT
INPUT
V
+
= 5V
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
-30
-10
10
50
70
90
110
130
170
150
30
PHASE
GAIN
CL = 20 pF
CL = 50 pF
CL = 100 pF
V
+
= ±6V
RL = 1 M:
CL = 200 pF
0.1
1
10
100
1k
10k
0
100
200
300
400
500
600
700
800
900
FREQUENCY (Hz)
V
+
= 5V
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
-23
0
23
68
90
113
135
158
203
180
45
PHASE
GAIN
CL = 20 pF
CL = 50 pF
CL = 100 pF
V
+
= 2.7V
RL = 1 M:
CL = 200 pF
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
-23
0
23
68
90
113
135
158
203
180
45
PHASE
GAIN
CL = 20 pF
CL = 50 pF
CL = 100 pF
V
+
= 5V
RL = 1 M:
CL = 200 pF
LPV511
SNOSAG7C – AUGUST 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Frequency Response vs. CL
Frequency Response vs. CL
Figure 21.
Figure 22.
Frequency Response vs. CL
Voltage Noise vs. Frequency
Figure 23.
Figure 24.
Non-Inverting Small Signal Pulse Response
Non-Inverting Large Signal Pulse Response
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LPV511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com